| 전자부품 데이터시트 검색엔진 |
|
SAP5SD-A-G1-R 데이터시트(PDF) 51 Page - Zentrum Mikroelektronik Dresden AG |
|
|
|||||||||||||||||||||||||||||
SAP5SD-A-G1-R 데이터시트(HTML) 51 Page - Zentrum Mikroelektronik Dresden AG |
|
51 / 62 page ![]() SAP5S / SAP51 Universal Actuator-Sensor Interface IC Data Sheet July 17, 2012 © 2012 Zentrum Mikroelektronik Dresden AG — Rev. 3.1 All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to changes without notice. 51 of 62 4.19. Master- and Repeater Mode 4.19.1. Master/ Repeater Mode Activation The SAP5 Master/ Repeater Mode functionality gets enabled by use of the E²PROM flag Master_Mode (refer to Table 9). In order to activate the Master_Mode, an IC Reset (refer to chapter 4.13 on page 42) has to be performed after programming of the E²PROM Master_Mode flag. For distinction between Master- and Repeater Mode the ID_Code may be set to a certain value as described in Table 35. NOTE: The ID_Code has to be programmed before activation of the Master_Mode flag. Once the Master_Mode flag is set to logic HIGH, the slave functionality of the SAP5 is no longer available, preventing any write access to the E²PROM by use of AS-i master requests as described on page 25. Moreover, the Master- and Repeater Mode functionality may be disabled generally by use of a hidden E²PROM flag. This flag is inaccessible by the user, but may be set during the ZMDI production test. Table 35: Activation of the SAP5 Master/Repeater Mode Master_Mode E²PROM flag ID_Code Master Mode 1 Master Mode 2 Repeater Mode 0 X OFF OFF OFF 1 0…4 ON OFF OFF 1 6…0xF OFF ON OFF 1 5 OFF OFF ON 4.19.2. Pin Assignment In Master- and Repeater Mode the SAP5 pins are configured as follows. Pins which are not used are kept at logic HIGH (high impedance) state in order to reduce internal power dissipation of the IC. RESETn RX_DAT OSC2 OSC1 not used not used not used TX_DAT not used not used not used not used APF not used not used UOUT U5R LTGN CDC LTGP SAP5 Pin 1 Figure 13: SAP Package Pin Assignment in Master/Repeater Mode |