| 전자부품 데이터시트 검색엔진 |
|
TL082ACDRE4 데이터시트(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL082ACDRE4 데이터시트(HTML) 31 Page - Texas Instruments |
|
31 / 78 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL081HIDBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 T81V TL081HIDCKR Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1IP TL081HIDCKR.A Active Production SC70 (DCK) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 1IP TL081HIDR Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 TL081D TL081HIDR.A Active Production SOIC (D) | 8 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 TL081D TL081HIDR.B Active Production SOIC (D) | 8 3000 | LARGE T&R - Call TI Call TI -40 to 125 TL081ID Obsolete Production SOIC (D) | 8 - - Call TI Call TI -40 to 85 TL081I TL081IDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL081I TL081IDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 85 TL081I TL081IP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TL081IP TL081IP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type -40 to 85 TL081IP TL082ACD Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 082AC TL082ACDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 082AC TL082ACDRE4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI 0 to 70 TL082ACP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL082ACP TL082ACP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL082ACP TL082ACPSR Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T082A TL082ACPSR.A Active Production SO (PS) | 8 2000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T082A TL082BCD Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 082BC TL082BCDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCDRG4.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 082BC TL082BCP Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL082BCP TL082BCP.A Active Production PDIP (P) | 8 50 | TUBE Yes NIPDAU N/A for Pkg Type 0 to 70 TL082BCP TL082BCPE4 Active Production PDIP (P) | 8 50 | TUBE - Call TI Call TI 0 to 70 TL082CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL082C TL082CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL082C TL082CDRE4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI 0 to 70 TL082CDRG4 Active Production SOIC (D) | 8 2500 | LARGE T&R - Call TI Call TI 0 to 70 Addendum-Page 2 |