| 전자부품 데이터시트 검색엔진 |
|
TLC5952DAP.B 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5952DAP.B 데이터시트(HTML) 7 Page - Texas Instruments |
|
7 / 39 page ![]() 100 3V 1V - ´ (I atV =1V) OUTXn OUTXn (I atV =3V) (I atV =1V) - OUTXn OUTXn OUTXn OUTXn D (%/V)= 100 (I atV =3.0V) OUTXn CC (I atV =5.5V) (I atV =3.0V) OUTXn OUTXn CC CC - 5.5V 3V - D (%/V)= ´ 7 TLC5952 www.ti.com SBVS129A – MAY 2009 – REVISED JULY 2018 Product Folder Links: TLC5952 Submit Documentation Feedback Copyright © 2009–2018, Texas Instruments Incorporated Electrical Characteristics (continued) At TJ = –40°C to 150°C, VCC = 3 V to 5.5 V, and VLED = 5 V, unless otherwise noted. Typical values are at TA = 25°C and VCC = 3.3 V. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT (3) Line regulation is calculated by the following equation (X = R, G, or B; n = 0–7): (4) Load regulation is calculated by the following equation (X = R, G, or B; n = 0–7): (5) Not tested; specified by design. ΔIOLC2 Line regulation(3) At OUTR0–OUTR7, OUTG0–OUTG7, and OUTB0–OUTB7, All OUTRn, -Gn, -Bn = on, BCR, -G, -B = 7Fh, VOUTRn, -Gn, -Bn = VOUTfix = 1 V, RIREF = 1.5 kΩ ±0.5% ±1% ΔIOLC3 Load regulation(4) At OUTR0–OUTR7, OUTG0–OUTG7, and OUTB0–OUTB7, All OUTRn, -Gn, -Bn = on, BCR, -G, -B = 7Fh, VOUTRn, -Gn, -Bn = 1 V to 3 V, VOUTfix = 1 V, RIREF = 1.5 kΩ ±1 ±3 %/V TTEF Thermal error flag threshold Junction temperature(5) 150 165 180 °C THYS Thermal error flag hysteresis Junction temperature(5) 5 10 20 °C VLOD0 LED open detection threshold All OUTRn, -Gn, -Bn = on, detection voltage select code = 0h 0.25 0.3 0.35 V VLOD1 All OUTRn, -Gn, -Bn = on, detection voltage select code = 1h 0.5 0.6 0.7 V VLOD2 All OUTRn, -Gn, -Bn = on, detection voltage select code = 2h 0.8 0.9 1 V VLOD3 All OUTRn, -Gn, -Bn = on, detection voltage select code = 3h 1.1 1.2 1.3 V VLSD0 LED short detection threshold All OUTRn, -Gn, -Bn = on, detection voltage select code = 4h 0.55 × VCC 0.6 × VCC 0.65 × VCC V VLSD1 All OUTRn, -Gn, -Bn = on, detection voltage select code = 5h 0.65 × VCC 0.7 × VCC 0.75 × VCC V VLSD2 All OUTRn, -Gn, -Bn = on, detection voltage select code = 6h 0.75 × VCC 0.8 × VCC 0.85 × VCC V VLSD3 All OUTRn, -Gn, -Bn = on, detection voltage select code = 7h 0.85 × VCC 0.9 × VCC 0.95 × VCC V VIREF Reference voltage output RIREF = 1.5 kΩ 1.17 1.2 1.25 V |