전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLV70231DBVT.A 데이터시트(PDF) 17 Page - Texas Instruments

부품명 TLV70231DBVT.A
상세설명  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TLV70231DBVT.A 데이터시트(HTML) 17 Page - Texas Instruments

Back Button TLV70231DBVT.A Datasheet HTML 13Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 14Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 15Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 16Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 17Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 18Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 19Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 20Page - Texas Instruments TLV70231DBVT.A Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
17
TLV702
www.ti.com
SLVSAG6D – SEPTEMBER 2010 – REVISED JULY 2019
Product Folder Links: TLV702
Submit Documentation Feedback
Copyright © 2010–2019, Texas Instruments Incorporated
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Output voltages from 1.2 V to 4.8 V in 50-mV increments are available. Contact factory for details and availability.
11 Device and Documentation Support
11.1 Device Support
11.1.1 Development Support
11.1.1.1 Spice Models
Computer simulation of circuit performance using SPICE is often useful when analyzing the performance of
analog circuits and systems. A SPICE model for the TLV702 is available through the product folders under Tools
& Software.
11.1.2 Device Nomenclature
Table 3. Ordering Information(1)
PRODUCT
VOUT
(2)
TLV702xx yyyz
XX is nominal output voltage (for example, 28 = 2.8 V).
YYY is the package designator.
Z is tape and reel quantity (R = 3000, T = 250).
11.2 Documentation Support
11.2.1 Related Documentation
For related documentation see the following:
Texas Instruments, Using the TLV700xxEVM-503 user's guide
11.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.
11.4 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
11.5 Trademarks
E2E is a trademark of Texas Instruments.
Bluetooth is a registered trademark of Bluetooth SIG.
ZigBee is a registered trademark of the ZigBee Alliance.
All other trademarks are the property of their respective owners.
11.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com