| 전자부품 데이터시트 검색엔진 |
|
TL432ACDBVR 데이터시트(PDF) 41 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL432ACDBVR 데이터시트(HTML) 41 Page - Texas Instruments |
|
41 / 85 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 31-Oct-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TL431CDBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CJ, T3CS) TL431CDBZR Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3C3, T3CG, T3CS, T3CU) TL431CDBZR.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (T3C3, T3CG, T3CS, T3CU) TL431CDBZRG4 Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T3C3 TL431CDBZRG4.A Active Production SOT-23 (DBZ) | 3 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T3C3 TL431CDBZT Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM 0 to 70 (T3CG, T3CS, T3CU) TL431CDBZT.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 (T3CG, T3CS, T3CU) TL431CDBZTG4 Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM 0 to 70 T3CS TL431CDBZTG4.A Active Production SOT-23 (DBZ) | 3 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 T3CS TL431CDG4 Active Production SOIC (D) | 8 75 | TUBE - Call TI Call TI 0 to 70 TL431CDR Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL431C TL431CDR-J Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL431C TL431CDR-J.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL431C TL431CDR.A Active Production SOIC (D) | 8 2500 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM 0 to 70 TL431C TL431CDRG4 Obsolete Production SOIC (D) | 8 - - Call TI Call TI 0 to 70 TL431C TL431CLP Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 70 TL431C TL431CLP-Z Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type - TL431C TL431CLP-Z.A Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type See TL431CLP-Z TL431C TL431CLP.A Active Production TO-92 (LP) | 3 1000 | BULK Yes SN N/A for Pkg Type 0 to 70 TL431C TL431CLPM Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type 0 to 70 TL431C TL431CLPM.A Active Production TO-92 (LP) | 3 2000 | AMMO Yes SN N/A for Pkg Type 0 to 70 TL431C TL431CLPR Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type 0 to 70 TL431C TL431CLPR.A Active Production TO-92 (LP) | 3 2000 | LARGE T&R Yes SN N/A for Pkg Type 0 to 70 TL431C TL431CPK Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR 0 to 70 43 TL431CPK.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SN Level-2-260C-1 YEAR 0 to 70 43 TL431CPKE6 Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM 0 to 70 43 TL431CPKE6.A Active Production SOT-89 (PK) | 3 1000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM 0 to 70 43 Addendum-Page 8 |