| 전자부품 데이터시트 검색엔진 |
|
MLS 데이터시트(PDF) 11 Page - Ferroxcube International Holding B.V. |
|
|
|||||||||||||||||||||||||||||
MLS 데이터시트(HTML) 11 Page - Ferroxcube International Holding B.V. |
|
11 / 13 page ![]() 2004 Sep 01 11 Ferroxcube EMI-suppression products BLISTER TAPE AND REEL DIMENSIONS Table 2 Dimensions of blister tape for relevant product size code; see Fig.4 MATERIAL BLISTER TAPE: • Sizes 0402 and 0603: paper • Other sizes: Polystyrene MATERIAL COVER FILM: • Polyethylene DIMENSION PRODUCT SIZE CODE 0402 0603 0805 1206 1210 1806 1812 A 0.65 0.975 1.54 1.94 2.80 1.94 3.64 B 1.15 1.8 2.32 3.54 3.42 4.94 4.94 T 0.7 1.05 1.15 1.29 1.64 1.90 1.80 W 8.0 8.0 8.0 8.0 8.0 12 12 P 2.0 4.0 4.0 4.0 4.0 4.0 8.0 F 3.5 3.5 3.5 3.5 3.5 5.5 5.5 K - - 0.2 0.2 0.2 0.3 0.3 Tape fig. 221 11 11 Fig.1 Fig.2 4±0.1 2 ± 0.05 1.75 ± 0.1 K ± 0.05 T ± 0.05 T ± 0.05 P±0.1 A±0.1 W ±0.2 F ±0.05 B ± 0.1 Carrier tape: Polystyrene Cover tape: Polyethylene 160 min. 330 min. Blank part Chip mounting part Leader Blank Cover tape MFW061 Fig.4 Blister tape. For dimensions see Table 2. Multilayer Suppressors |