| 전자부품 데이터시트 검색엔진 |
|
MICROSMD035F 데이터시트(PDF) 19 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
MICROSMD035F 데이터시트(HTML) 19 Page - TE Connectivity Ltd |
|
19 / 20 page ![]() 133 RoHS Compliant, ELV Compliant HF Halogen Free 12 A0 1.00 ± 0.1 1.00 ± 0.1 1.55 ± 0.1 1.60 ± 0.1 1.95 ± 0.1 1.95 ± 0.1 B0 1.85 ± 0.1 1.85 ± 0.1 2.50 ± 0.1 2.45 ± 0.1 3.50 +0.1/-0.08 3.5 ± 0.1 K0 0.90 ± 0.1 0.80 ± 0.1 0.86 ± 0.1 1.35 ± 0.1 0.89 ± 0.1 1.27 ± 0.1 A max. 185 185 330 330 330 330 N min. 50 50 60 50 50 50 W1 8.4 + 1.5/-.00 12.4 + 2.0/-.00 24.4 + 2.0/-.00 16.4 + 2.0/-.00 16.4 + 2.0/-.00 16.4 + 2.0/-.00 W2 max. 14.4 18.4 30.4 22.4 22.4 22.4 femto/pico/nano/microSMD miniSMDC miniSMDE190 midSMD SMD SMD2 All microSMD series except microSMD200F nanoSMDC012F nanoSMDC016F nanoSMDC200F All nanoSMDC series except nanoSMDC012F nanoSMDC016F nanoSMDC200F picoSMDC010S picoSMDC050S picoSMDC075S picoSMDC110S A0 2.9 ± 0.1 2.9 ± 0.1 3.5 ± 0.1 3.7 ± 0.1 3.7 ± 0.1 5.0 ± 0.1 B0 3.5 ± 0.1 3.5 ± 0.1 4.95 ± 0.1 4.9 ± 0.1 4.9 ± 0.1 5.4 ± 0.1 K0 0.9 ± 0.1 1.27 ± 0.1 0.9 ± 0.1 1.4 ± 0.1 1.78 ± 0.1 1.7 ± 0.1 miniSMDC014F~075F miniSMDC100F~110F/16 miniSMDC125F~150F/16 miniSMDC160F~260F miniSMDC075F/24 miniSMDC110F/24 miniSMDC260F/12 miniSMDC260F/13.2 miniSMDC260F/16 miniSMDC150F/24 decaSMDC050F/60 microSMD200F picoSMDC012S picoSMDC020S picoSMDC035S femtoSMDC012F femtoSMDC016F femtoSMDC020F femtoSMDC005F femtoSMDC008F femtoSMDC010F femtoSMDC035F Table S8 Tape and Reel Specifications for Surface-mount Devices (in Millimeters) Table S9 Reel Dimensions for Surface-mount Devices (in Millimeters) P 0 E 1 E 2 F W P 2 D 0 A 0 B 0 P 1 B 1 T 1 K 0 T Cover tape Embossment Center lines of cavity A Cover tape Embossed cavity Carrier tape N (hub dia.) W 2 (measured at hub) W 1 (measured at hub) Figure S15 EIA Referenced Taped Component Dimensions for Surface-mount Devices Figure S16 EIA Referenced Reel Dimensions for Surface-mount Devices |