전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

13648596 데이터시트(PDF) 1 Page - Aptiv

부품명 13648596
상세설명  CMC CONNECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  APTIV [Aptiv]
홈페이지  https://www.aptiv.com/en
Logo APTIV - Aptiv

13648596 데이터시트(HTML) 1 Page - Aptiv

  13648596 Datasheet HTML 1Page - Aptiv 13648596 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Headquartered in Dublin, Aptiv has approximately
150,000 employees and operates 14 technical
centers, as well as manufacturing sites and
customer support centers in 45 countries.
Visit
aptiv.com
CMC CONNECTOR
32, 48, 64, 86 Way
CMC 48W Connector
BENEFITS
• TPA* front holder latch for lock & unlock
• Smooth guided terminal insertion
• Clean body terminals do not damage
mat/block seal
• High retention force
• Standard interface interchangeable with multiple
suppliers
FEATURES
• Polarized terminals
• Mat seal is pre-closed on the 0.64 mm terminal
cavities
• Easy cable assembly
• First mate last break lay-out for safe connection
* Terminal position assurance
APPLICATIONS
Cavity Count (ways)
32, 48, 64, 86
Materials
PBT
Genders
Female
Engine management
Gas converter
Body control
TECHNICAL CHARACTERISTICS
MATING/UNMATING
CYCLES
20
(with tin plated terminals)
TEMPERATURE
VIBRATION
Class 2
+125°C
-40°C
IP68
IPX9K
SEALING
PROTECTION
See back page for representative part numbers and packaging dimensions.


유사한 부품 번호 - 13648596

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
13648 ETC1-13648 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Multicomp Pro
13648 MULTICOMP-13648 Datasheet
231Kb / 3P
Normal Wall, Flexible Halogen-Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
logo
Pro-Power
13648 PROPOWER-13648 Datasheet
311Kb / 5P
2:1 Normal Wall Heatshrink Tubing
V1.1 09/03/20
logo
Weidmuller
1364820000 WEIDMULLER-1364820000 Datasheet
476Kb / 7P
BLZ 7.62IT/04/180MF4 SN BK BX SO
logo
Multicomp Pro
13648GRY MULTICOMP-13648GRY Datasheet
148Kb / 2P
Flexible, Halogen Free Polyolefin Heat Shrink Tubing
23/06/22 V1.0
More results

유사한 설명 - 13648596

제조업체부품명데이터시트상세설명
logo
XFMRS Inc.
XF0033-CMCSM XFMRS-XF0033-CMCSM Datasheet
39Kb / 1P
CMC
XF0114-CMCSM XFMRS-XF0114-CMCSM Datasheet
60Kb / 1P
CMC
XF0114-CMCSM XFMRS-XF0114-CMCSM_10 Datasheet
40Kb / 1P
CMC
XF0114-CMCSM XFMRS-XF0114-CMCSM Datasheet
40Kb / 1P
CMC
XF0114-CMCSM XFMRS-XF0114-CMCSM_15 Datasheet
40Kb / 1P
CMC
logo
Wurth Elektronik GmbH &...
750341635 WURTH-750341635 Datasheet
121Kb / 1P
CMC
750341636 WURTH-750341636 Datasheet
122Kb / 1P
CMC
750341637 WURTH-750341637 Datasheet
135Kb / 1P
CMC
750341780 WURTH-750341780 Datasheet
189Kb / 2P
CMC
logo
Dongguan Mentech Optica...
CMB3229DG121U MNC-CMB3229DG121U Datasheet
132Kb / 1P
CMC
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com