전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9744ACP-PCB 데이터시트(PDF) 13 Page - Analog Devices

부품명 AD9744ACP-PCB
상세설명  14-Bit, 210 MSPS TxDAC짰 D/A Converter
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9744ACP-PCB 데이터시트(HTML) 13 Page - Analog Devices

Back Button AD9744ACP-PCB Datasheet HTML 9Page - Analog Devices AD9744ACP-PCB Datasheet HTML 10Page - Analog Devices AD9744ACP-PCB Datasheet HTML 11Page - Analog Devices AD9744ACP-PCB Datasheet HTML 12Page - Analog Devices AD9744ACP-PCB Datasheet HTML 13Page - Analog Devices AD9744ACP-PCB Datasheet HTML 14Page - Analog Devices AD9744ACP-PCB Datasheet HTML 15Page - Analog Devices AD9744ACP-PCB Datasheet HTML 16Page - Analog Devices AD9744ACP-PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD9744
Rev. B | Page 13 of 32
FUNCTIONAL DESCRIPTION
Figure 24 shows a simplified block diagram of the AD9744. The
AD9744 consists of a DAC, digital control logic, and full-scale
output current control. The DAC contains a PMOS current
source array capable of providing up to 20 mA of full-scale cur-
rent (IOUTFS). The array is divided into 31 equal currents that
make up the five most significant bits (MSBs). The next four
bits, or middle bits, consist of 15 equal current sources whose
value is 1/16th of an MSB current source. The remaining LSBs
are binary weighted fractions of the middle bits current sources.
Implementing the middle and lower bits with current sources,
instead of an R-2R ladder, enhances its dynamic performance
for multitone or low amplitude signals and helps maintain the
DAC’s high output impedance (that is, >100 kΩ).
All of these current sources are switched to one or the other of
the two output nodes, that is, IOUTA or IOUTB, via PMOS
differential current switches. The switches are based on the
architecture that was pioneered in the AD9764 family, with
further refinements to reduce distortion contributed by the
switching transient. This switch architecture also reduces vari-
ous timing errors and provides matching complementary drive
signals to the inputs of the differential current switches.
The analog and digital sections of the AD9744 have separate
power supply inputs, that is, AVDD and DVDD, that can
operate independently over a 2.7 V to 3.6 V range. The
digital section, which is capable of operating at a rate of up
to 210 MSPS, consists of edge-triggered latches and segment
decoding logic circuitry. The analog section includes the PMOS
current sources, the associated differential switches, a 1.2 V
band gap voltage reference, and a reference control amplifier.
The DAC full-scale output current is regulated by the reference
control amplifier and can be set from 2 mA to 20 mA via an
external resistor, RSET, connected to the full-scale adjust
(FS ADJ) pin. The external resistor, in combination with both
the reference control amplifier and voltage reference VREFIO, sets
the reference current IREF, which is replicated to the segmented
current sources with the proper scaling factor. The full-scale
current, IOUTFS, is 32 times IREF.
REFERENCE OPERATION
The AD9744 contains an internal 1.2 V band gap reference. The
internal reference cannot be disabled, but can be easily overrid-
den by an external reference with no effect on performance.
Figure 25 shows an equivalent circuit of the band gap reference.
REFIO serves as either an output or an input depending on
whether the internal or an external reference is used. To use the
internal reference, simply decouple the REFIO pin to ACOM
with a 0.1 µF capacitor and connect REFLO to ACOM via a
resistance less than 5 Ω. The internal reference voltage will be
present at REFIO. If the voltage at REFIO is to be used any-
where else in the circuit, an external buffer amplifier with an
input bias current of less than 100 nA should be used. An ex-
ample of the use of the internal reference is shown in Figure 26.
AVDD
REFIO
REFLO
84
µA
7k
Ω
Figure 25. Equivalent Circuit of Internal Reference
150pF
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
3.3V
REFIO
FS ADJ
2k
Ω
0.1
µF
AD9744
ADDITIONAL
LOAD
OPTIONAL
EXTERNAL
REF BUFFER
Figure 26. Internal Reference Configuration
An external reference can be applied to REFIO, as shown in
Figure 27. The external reference may provide either a fixed
reference voltage to enhance accuracy and drift performance or
a varying reference voltage for gain control. Note that the 0.1 µF
compensation capacitor is not required since the internal refer-
ence is overridden, and the relatively high input impedance of
REFIO minimizes any loading of the external reference.
150pF
+1.2V REF
AVDD
REFLO
CURRENT
SOURCE
ARRAY
3.3V
REFIO
FS ADJ
RSET
AD9744
EXTERNAL
REF
IREF =
VREFIO/RSET
AVDD
REFERENCE
CONTROL
AMPLIFIER
VREFIO
Figure 27. External Reference Configuration
REFERENCE CONTROL AMPLIFIER
The AD9744 contains a control amplifier that is used to regulate
the full-scale output current, IOUTFS. The control amplifier is
configured as a V-I converter, as shown in Figure 26, so that its
current output, IREF, is determined by the ratio of the VREFIO and
an external resistor, RSET, as stated in Equation 4. IREF is copied
to the segmented current sources with the proper scale factor to
set IOUTFS, as stated in Equation 3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com