전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPM32 데이터시트(PDF) 80 Page - STMicroelectronics

부품명 STPM32
상세설명  ASSP for metering applications with up to four independent 24-bit 2nd order sigma-delta ADCs, 4 MHz OSF and 2 embedded PGLNA
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM32 데이터시트(HTML) 80 Page - STMicroelectronics

Back Button STPM32_V02 Datasheet HTML 76Page - STMicroelectronics STPM32_V02 Datasheet HTML 77Page - STMicroelectronics STPM32_V02 Datasheet HTML 78Page - STMicroelectronics STPM32_V02 Datasheet HTML 79Page - STMicroelectronics STPM32_V02 Datasheet HTML 80Page - STMicroelectronics STPM32_V02 Datasheet HTML 81Page - STMicroelectronics STPM32_V02 Datasheet HTML 82Page - STMicroelectronics STPM32_V02 Datasheet HTML 83Page - STMicroelectronics STPM32_V02 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
Figure 65. Feed direction of square QFN24L and QFN32L reel
User direction of feed
STPM32, STPM33, STPM34
QFN32L (5x5x1) packing information
DS10272 - Rev 13
page 80/89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89