| 전자부품 데이터시트 검색엔진 |
|
IS25LEG-RGLA2:P-TY 데이터시트(PDF) 3 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25LEG-RGLA2:P-TY 데이터시트(HTML) 3 Page - Integrated Silicon Solution, Inc |
|
3 / 193 page ![]() IS25LE01GG IS25WE01GG Integrated Silicon Solution, Inc.- www.issi.com 3 Rev. A3 10/02/2025 GENERAL DESCRIPTION The IS25LE01GG and IS25WE01GG Serial Flash memory offers a versatile storage solution with high flexibility and performance in a simplified pin count package. ISSI’s “Industry Standard Serial Interface” Flash is for systems that require limited space, a low pin count, and low power consumption. The device is accessed through a 4-wire SPI Interface consisting of a Serial Data Input (SI), Serial Data Output (SO), Serial Clock (SCK), and Chip Enable (CE#) pins, which can also be configured to serve as multi-I/O (see pin descriptions). The device supports Dual and Quad I/O as well as standard, Dual Output, and Quad Output SPI. The IS25xP series of Flash adds support for DTR (Double Transfer Rate) commands that transfer addresses and read data on both edges of the clock. These transfer rates can outperform 16-bit Parallel Flash memories allowing for efficient memory access to support XIP (execute in place) operation. Initial state of the memory array is erased (all bits are set to 1) when shipped from the factory. QPI (Quad Peripheral Interface) supports 2-cycle instruction further reducing instruction times. Pages can be erased in groups of 4Kbyte sectors, 32Kbyte blocks, 64K/256Kbyte blocks, and/or the entire chip. The uniform sector and block architecture allows for a high degree of flexibility so that the device can be utilized for a broad variety of applications requiring solid data retention. ECC Protection (1-bit Error Correction) applies per every 16-byte (128-bit) to maximize reliability. When ECC is ON, due to a partial programming restriction, it is recommended to program in multiples of 16-byte (ECC Chunk size) data within 256byte page buffer. Customer can program a byte or word within a chunk, but customer cannot do another partial programming within a chunk without ERASE. 16-byte ECC Chunks within a Page (256 byte) Chunk# 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 Bytes B0 ~ B15 B16 ~ B31 B32 ~ B47 B48 ~ B63 B64 ~ B79 B80 ~ B95 B96 ~ B127 B128 ~ B143 B144 ~ B159 B160 ~ B175 B144 ~ B159 B176 ~ B191 B192 ~ B207 B208 ~ B223 B224 ~ B239 B240 ~ B255 |