전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

B05B-PASK 데이터시트(PDF) 7 Page - JST Mfg. Co., Ltd.

부품명 B05B-PASK
상세설명  FAMILY SERIES/PA•PAF•PAL CONNECTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JST [JST Mfg. Co., Ltd.]
홈페이지  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

B05B-PASK 데이터시트(HTML) 7 Page - JST Mfg. Co., Ltd.

Back Button B05B-PASK Datasheet HTML 3Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 4Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 5Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 6Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 7Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 8Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 9Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 10Page - JST Mfg. Co., Ltd. B05B-PASK Datasheet HTML 11Page - JST Mfg. Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PA FAMILY SERIES
7
Through-hole type shrouded header
Q'ty /
bag
Circuits
Model No.
CD
AB
Dimensions(mm)
5
8
11
12
BE05B-PASK
BE08B-PASK
BE11B-PASK
BE12B-PASK
12.4
18.4
24.4
26.4
5.5
5.5
12.0
12.0
300
200
150
150
8.0
14.0
20.0
22.0
12.0
18.0
24.0
26.0
Material and Finish
Post: Copper alloy, copper-undercoated, tin-plated (reflow treatment)
Wafer: Glass-filled PBT, UL94V-0, natural
RoHS compliance This product displays (LF)(SN) on a label.
Note: C and D dimensions; Refer to the PCB layout bottom type (P3).
Circuit No.1
A
B
9
□
0.5
5.3
2
A
B
2
9
□
0.5
5.3
Circuit No.1
Bottom type
(5, 8
circuits)
(11, 12
circuits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com