전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP63 데이터시트(PDF) 3 Page - Texas Instruments

부품명 TMP63
상세설명  TMP64 ±1% 47-kΩ Linear Thermistor with 0402 and 0603 Package Options
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMP63 데이터시트(HTML) 3 Page - Texas Instruments

  TMP63 Datasheet HTML 1Page - Texas Instruments TMP63 Datasheet HTML 2Page - Texas Instruments TMP63 Datasheet HTML 3Page - Texas Instruments TMP63 Datasheet HTML 4Page - Texas Instruments TMP63 Datasheet HTML 5Page - Texas Instruments TMP63 Datasheet HTML 6Page - Texas Instruments TMP63 Datasheet HTML 7Page - Texas Instruments TMP63 Datasheet HTML 8Page - Texas Instruments TMP63 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Changes from Revision Original (December 2019) to Revision A (March 2020)
Page
• Changed data sheet status from: Advanced Information to: Production Data....................................................1
• Updated Title.......................................................................................................................................................1
• Updated Features............................................................................................................................................... 1
• Updated Applications..........................................................................................................................................1
• Updated Description........................................................................................................................................... 1
• Increased CDM Rating from ±750 V to ± 1000 V in ESD Ratings Table............................................................ 6
• Changed minimum 'Long Term Drift' spec for RH = 85 % from 0.1 % to -1 %....................................................7
• Added typical. 'Long Term Drift' spec for RH = 85 %.......................................................................................... 7
• Changed maximum 'Long Term Drift' spec for RH = 85 % from 0.8 % to 1 %....................................................7
• Changed minimum 'Long Term Drift' spec from 0.1 % to -1%............................................................................ 7
• Added typical. 'Long Term Drift' spec..................................................................................................................7
• Changed maximum 'Long Term Drift' spec from 1 % to 1.8 %.......................................................................... 7
• Added 'Supply Dependence Resistance vs. Bias Current' graph....................................................................... 8
• Added 'Supply Dependence Resistance vs. Bias Voltage' graph....................................................................... 8
• Added 'Step Response' graph............................................................................................................................ 8
• Updated Thermistor Design Tool link................................................................................................................ 11
www.ti.com
TMP64
SNIS212C – DECEMBER 2019 – REVISED SEPTEMBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TMP64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com