| 전자부품 데이터시트 검색엔진 |
|
TMS320VC33 데이터시트(PDF) 38 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 데이터시트(HTML) 38 Page - Texas Instruments |
|
38 / 59 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 38 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 changing XFx from an output to an input The following tables define the timing parameters for changing the XFx pin from an output pin to an input pin. timing requirements for changing XFx from output to input mode (see Figure 26) VC33-120 VC33-150 UNIT MIN MAX MIN MAX UNIT tsu(XF-H1L) Setup time, XFx before H1 low 5 4 ns th(H1L-XF) Hold time, XFx after H1 low 0 0 ns switching characteristics over recommended operating conditions for changing XFx from output to input mode (see Figure 26) PARAMETER VC33-120 VC33-150 UNIT PARAMETER MIN MAX MIN MAX UNIT tdis(H3H-XF) Disable time, XFx after H3 high 6 5 ns Execute Load of IOF Buffers Go From Output to Output Synchronizer Delay Value on Pin Seen in IOF H3 H1 XFx INXFx Bit (see Note A) I/OxFx Bit (see Note A) Data Sampled Data Seen Output tdis(H3H-XF) tsu(XF-H1L) th(H1L-XF) NOTE A: I/OxFx represents either bit 1 or bit 5 of the IOF register, and INXFx represents either bit 3 or bit 7 of the IOF register. Figure 26. Timing for Changing XFx From Output to Input Mode |