| 전자부품 데이터시트 검색엔진 |
|
TMUX1113 데이터시트(PDF) 35 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMUX1113 데이터시트(HTML) 35 Page - Texas Instruments |
|
35 / 44 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 17-Oct-2025 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TMUX1111PWR TSSOP PW 16 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TMUX1111RSVR UQFN RSV 16 3000 178.0 13.5 2.1 2.9 0.75 4.0 12.0 Q1 TMUX1112PWR TSSOP PW 16 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TMUX1112PWRG4 TSSOP PW 16 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TMUX1112RSVR UQFN RSV 16 3000 178.0 13.5 2.1 2.9 0.75 4.0 12.0 Q1 TMUX1113PWR TSSOP PW 16 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TMUX1113PWRG4 TSSOP PW 16 2000 330.0 12.4 6.9 5.6 1.6 8.0 12.0 Q1 TMUX1113RSVR UQFN RSV 16 3000 178.0 13.5 2.1 2.9 0.75 4.0 12.0 Q1 Pack Materials-Page 1 |