| 전자부품 데이터시트 검색엔진 |
|
TMUX1208RSVR 데이터시트(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMUX1208RSVR 데이터시트(HTML) 21 Page - Texas Instruments |
|
21 / 37 page ![]() 21 TMUX1208, TMUX1209 www.ti.com SCDS389C – AUGUST 2018 – REVISED DECEMBER 2018 Product Folder Links: TMUX1208 TMUX1209 Submit Documentation Feedback Copyright © 2018, Texas Instruments Incorporated Feature Description (continued) 8.3.5 Device Functional Modes When the EN pin of the TMUX1208 is pulled high, one of the switches is closed based on the state of the address lines. Similarly, when the EN pin of the TMUX1209 is pulled high, two of the switches are closed based on the state of the address lines. When the EN pin is pulled low, all the switches are in an open state regardless of the state of the address lines. 8.3.6 Truth Tables Table 1 and Table 2 show the truth tables for the TMUX1208 and TMUX1209, respectively. (1) X denotes don't care. Table 1. TMUX1208 Truth Table EN A2 A1 A0 Selected Inputs Connected To Drain (D) Pin 0 X(1) X(1) X(1) All channels are off 1 0 0 0 S1 1 0 0 1 S2 1 0 1 0 S3 1 0 1 1 S4 1 1 0 0 S5 1 1 0 1 S6 1 1 1 0 S7 1 1 1 1 S8 (1) X denotes don't care. Table 2. TMUX1209 Truth Table EN A1 A0 Selected Input Connected To Drain (DA, DB) Pins 0 X(1) X(1) All channels are off 1 0 0 S1A and S1B 1 0 1 S2A and S2B 1 1 0 S3A and S3B 1 1 1 S4A and S4B |