전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMUX9616 데이터시트(PDF) 16 Page - Texas Instruments

부품명 TMUX9616
상세설명  TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX9616 데이터시트(HTML) 16 Page - Texas Instruments

Back Button TMUX9616 Datasheet HTML 12Page - Texas Instruments TMUX9616 Datasheet HTML 13Page - Texas Instruments TMUX9616 Datasheet HTML 14Page - Texas Instruments TMUX9616 Datasheet HTML 15Page - Texas Instruments TMUX9616 Datasheet HTML 16Page - Texas Instruments TMUX9616 Datasheet HTML 17Page - Texas Instruments TMUX9616 Datasheet HTML 18Page - Texas Instruments TMUX9616 Datasheet HTML 19Page - Texas Instruments TMUX9616 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
6.5 Output Voltage Spike
Output Voltage Spike (VSPIKE or VSPK) is the magnitude of the transient output voltage spike which occurs on an
input or output pin when turning the switch channel ON or OFF. When measuring VSPK on the Dx pin, 50 Ω is
placed on the Dx pin and 1 kΩ is placed on the Sx pin. Likewise, when measuring VSPK on the Sx pin, 50 Ω is
placed on the Sx pin and 1 kΩ is placed on the Dx pin. Figure 6-5 shows the setup used to measure the VSPK of
the switch.
VDD
VDD
0.1 µF
GND
Output
VD
SW
S1
D1
S31
D31
1 k
1 k
50
50
+VSPIKE
-VSPIKE
OFF
ON
OFF
VSS
VSS
0.1 µF
RGND
Figure 6-5. VSPK Measurement Setup
6.6 Switch DC Offset Voltage
The switch DC offset voltage (VDC_OFFSET) is the DC offset voltage that can be present on an Sx or Dx pin when
the switch channel is ON or OFF. Figure 6-6 shows the setup used to measure the VDC_OFFSET voltage of the
device.
GND
Dx
VDD
VDD
0.1 µF
Sx
SW ON or OFF
VDC_OFFSET
VSS
VSS
0.1 µF
RGND
V
+
–
Figure 6-6. VDC_OFFSET Measurement Setup
TMUX9616, TMUX9616N
SCDS436A – SEPTEMBER 2023 – REVISED DECEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TMUX9616 TMUX9616N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com