전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28027DAS.B 데이터시트(PDF) 32 Page - Texas Instruments

부품명 TMS320F28027DAS.B
상세설명  TMS320F2802x Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28027DAS.B 데이터시트(HTML) 32 Page - Texas Instruments

Back Button TMS320F28027DAS.B Datasheet HTML 28Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 29Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 30Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 31Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 32Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 33Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 34Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 35Page - Texas Instruments TMS320F28027DAS.B Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 147 page
background image
8.13.2 Clock Requirements and Characteristics
8.13.2.1 XCLKIN Timing Requirements – PLL Enabled
NO.
MIN
MAX
UNIT
C9
tf(CI)
Fall time, XCLKIN
6
ns
C10
tr(CI)
Rise time, XCLKIN
6
ns
C11
tw(CIL)
Pulse duration, XCLKIN low as a percentage of tc(OSCCLK)
45%
55%
C12
tw(CIH)
Pulse duration, XCLKIN high as a percentage of tc(OSCCLK)
45%
55%
8.13.2.2 XCLKIN Timing Requirements – PLL Disabled
NO.
MIN
MAX
UNIT
C9
tf(Cl)
Fall time, XCLKIN
Up to 20 MHz
6
ns
20 MHz to 30 MHz
2
C10
tr(CI)
Rise time, XCLKIN
Up to 20 MHz
6
ns
20 MHz to 30 MHz
2
C11
tw(CIL)
Pulse duration, XCLKIN low as a percentage of
tc(OSCCLK)
45%
55%
C12
tw(CIH)
Pulse duration, XCLKIN high as a percentage of
tc(OSCCLK)
45%
55%
The possible configuration modes are shown in Table 9-16.
8.13.2.3 XCLKOUT Switching Characteristics (PLL Bypassed or Enabled)
over recommended operating conditions (unless otherwise noted)(1) (2)
NO.
PARAMETER
MIN
MAX
UNIT
C3
tf(XCO)
Fall time, XCLKOUT
11
ns
C4
tr(XCO)
Rise time, XCLKOUT
11
ns
C5
tw(XCOL)
Pulse duration, XCLKOUT low
H – 2
H + 2
ns
C6
tw(XCOH)
Pulse duration, XCLKOUT high
H – 2
H + 2
ns
(1)
A load of 40 pF is assumed for these parameters.
(2)
H = 0.5tc(XCO)
C4
C3
XCLKOUT(B)
XCLKIN(A)
C5
C9
C10
C1
C8
C6
A. The relationship of XCLKIN to XCLKOUT depends on the divide factor chosen. The waveform relationship shown is intended to illustrate
the timing parameters only and may differ based on actual configuration.
B. XCLKOUT configured to reflect SYSCLKOUT.
Figure 8-9. Clock Timing
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
32
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com