전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMS320F28027DASR 데이터시트(PDF) 26 Page - Texas Instruments

부품명 TMS320F28027DASR
상세설명  TMS320F2802x Microcontrollers
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TMS320F28027DASR 데이터시트(HTML) 26 Page - Texas Instruments

Back Button TMS320F28027DASR Datasheet HTML 22Page - Texas Instruments TMS320F28027DASR Datasheet HTML 23Page - Texas Instruments TMS320F28027DASR Datasheet HTML 24Page - Texas Instruments TMS320F28027DASR Datasheet HTML 25Page - Texas Instruments TMS320F28027DASR Datasheet HTML 26Page - Texas Instruments TMS320F28027DASR Datasheet HTML 27Page - Texas Instruments TMS320F28027DASR Datasheet HTML 28Page - Texas Instruments TMS320F28027DASR Datasheet HTML 29Page - Texas Instruments TMS320F28027DASR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 147 page
background image
8.12 Power Sequencing
There is no power sequencing requirement needed to ensure the device is in the proper state after reset or to
prevent the I/Os from glitching during power up/down (GPIO19, GPIO34–38 do not have glitch-free I/Os). No
voltage larger than a diode drop (0.7 V) above VDDIO should be applied to any digital pin (for analog pins, this
value is 0.7 V above VDDA) before powering up the device. Voltages applied to pins on an unpowered device can
bias internal p-n junctions in unintended ways and produce unpredictable results.
tw(RSL1)
th(boot-mode)(C)
V
V
(3.3 V)
DDIO
DDA
,
INTOSC1
X1/X2
XRS
(D)
Boot-Mode
Pins
V
(1.8 V)
DD
XCLKOUT
I/O Pins
User-code dependent
User-code dependent
Boot-ROM execution starts
Peripheral/GPIO function
Based on boot code
GPIO pins as input
GPIO pins as input (state depends on internal PU/PD)
(E)
t
OSCST
User-code dependent
Address/Data/
Control
(Internal)
Address/data valid, internal boot-ROM code execution phase
User-code execution phase
td(EX)
t
INTOSCST
(A)
(B)
A. Upon power up, SYSCLKOUT is OSCCLK/4. Because the XCLKOUTDIV bits in the XCLK register come up with a reset state of 0,
SYSCLKOUT is further divided by 4 before it appears at XCLKOUT. XCLKOUT = OSCCLK/16 during this phase.
B. Boot ROM configures the DIVSEL bits for /1 operation. XCLKOUT = OSCCLK/4 during this phase. XCLKOUT will not be visible at the
pin until explicitly configured by user code.
C. After reset, the boot ROM code samples Boot Mode pins. Based on the status of the Boot Mode pin, the boot code branches to
destination memory or boot code function. If boot ROM code executes after power-on conditions (in debugger environment), the boot
code execution time is based on the current SYSCLKOUT speed. The SYSCLKOUT will be based on user environment and could be
with or without PLL enabled.
D. Using the XRS pin is optional due to the on-chip power-on reset (POR) circuitry.
E. The internal pullup/pulldown will take effect when BOR is driven high.
Figure 8-5. Power-on Reset
TMS320F28027, TMS320F28027-Q1, TMS320F28027F, TMS320F28027F-Q1, TMS320F28026
TMS320F28026-Q1, TMS320F28026F, TMS320F28026F-Q1, TMS320F28023
TMS320F28023-Q1, TMS320F28022, TMS320F28021, TMS320F28020, TMS320F280200
SPRS523P – NOVEMBER 2008 – REVISED FEBRUARY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28027 TMS320F28027-Q1 TMS320F28027F TMS320F28027F-Q1
TMS320F28026 TMS320F28026-Q1 TMS320F28026F TMS320F28026F-Q1 TMS320F28023 TMS320F28023-
Q1 TMS320F28022 TMS320F28021 TMS320F28020 TMS320F280200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com