| 전자부품 데이터시트 검색엔진 |
|
CY8C3685PVC 데이터시트(PDF) 66 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CY8C3685PVC 데이터시트(HTML) 66 Page - Infineon Technologies AG |
|
66 / 140 page ![]() Document Number: 001-84932 Rev. *N Page 65 of 139 PSoC® 5LP: CY8C58LP Family Datasheet 9.8 CSP Package Bootloader A factory-installed bootloader program is included in all devices with CSP packages. The bootloader is compatible with PSoC Creator 3.0 bootloadable project files, and has the following features: I2C-based SCLK and SDAT available at P1[6] and P1[7], respectively External pull-up resistors required I2C slave, address 4, data rate = 100 kbps Single application Wait 2 seconds for bootload command Other bootloader options are as set by the PSoC Creator 3.0 Bootloader Component default Occupies the bottom 9 Kbytes of flash For more information on this bootloader, see the following Cypress application notes: AN73854, PSoC 3 and PSoC 5 LP Introduction to Bootloaders AN60317, PSoC 3 and PSoC 5 LP I2C Bootloader Note that a PSoC Creator bootloadable project must be associated with .hex and .elf files for a bootloader project that is configured for the target device. Bootloader .hex and .elf files can be found at www.cypress.com/go/PSoC5LPdatasheet. The factory-installed bootloader can be overwritten using JTAG or SWD programming. |