전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BAT48RL 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 BAT48RL
상세설명  Small signal Schottky diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT48RL 데이터시트(HTML) 5 Page - STMicroelectronics

  BAT48RL Datasheet HTML 1Page - STMicroelectronics BAT48RL Datasheet HTML 2Page - STMicroelectronics BAT48RL Datasheet HTML 3Page - STMicroelectronics BAT48RL Datasheet HTML 4Page - STMicroelectronics BAT48RL Datasheet HTML 5Page - STMicroelectronics BAT48RL Datasheet HTML 6Page - STMicroelectronics BAT48RL Datasheet HTML 7Page - STMicroelectronics BAT48RL Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
BAT48
Package information
Doc ID 12634 Rev 2
5/8
2
Package information
●
Epoxy meets UL94,V0
●
Lead-free packages
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 9.
SOD-123 footprint, dimensions in mm (inches)
Table 6.
SOD-123 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
1.45
0.057
A1
0
0.1
0
0.004
A2
0.85
1.35
0.033
0.053
b
0.55 Typ.
0.022 Typ.
c
0.15 Typ.
0.039 Typ.
D
2.55
2.85
0.1
0.112
E
1.4
1.7
0.055
0.067
G0.25
0.01
H
3.55
3.75
0.14
0.148
H
b
D
E
A1
A2
A
G
c
4.00
(0.157)
0.57
(0.022)
2.70
(0.106)
0.65
(0.026)
0.65
(0.026)



Html Pages

1 2 3 4 5 6 7 8