전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA02010 데이터시트(PDF) 2 Page - Polymaker Industrial

부품명 PA02010
상세설명  PolyLite™ PLA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POLYMAKER [Polymaker Industrial]
홈페이지  www.polymaker.com
Logo POLYMAKER - Polymaker Industrial

PA02010 데이터시트(HTML) 2 Page - Polymaker Industrial

  PA02010 Datasheet HTML 1Page - Polymaker Industrial PA02010 Datasheet HTML 2Page - Polymaker Industrial  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Nov. 2018
Technical Data Sheet
Version 4.0
www.polymaker.com
Tensile testing specimen; ASTM D638 (ISO 527, GB/T 1040)
Flexural testing specimen; ASTMD790 (ISO 178, GB/T 9341)
Impact testing specimen; ASTM D256 (ISO 179, GB/T 1043)
Disclaimer:
The typical values presented in this data sheet are intended for reference and comparison purposes only. They
should not be used for design specifications or quality control purposes. Actual values may vary significantly with printing
conditions. End- use performance of printed parts depends not only on materials, but also on part design, environmental
conditions, printing conditions, etc. Product specifications are subject to change without notice.
Each user is responsible for determining the safety, lawfulness, technical suitability, and disposal/recycling
practices of Polymaker materials for the intended application. Polymaker makes no warranty of any kind, unless
announced separately, to the fitness for any use or application. Polymaker shall not be made liable for any damage, injury
or loss induced from the use of Polymaker materials in any application.
4*R25
150.00
114.00
80.00
Z axis
60.00
80.00
Z axis
45.00°
80.00
Z axis
Impact direction



Html Pages

1 2