전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS3435CGLEFDDFR 데이터시트(PDF) 36 Page - Texas Instruments

부품명 TPS3435CGLEFDDFR
상세설명  TPS3435 Nano IQ Precision Timeout Watchdog Timer
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS3435CGLEFDDFR 데이터시트(HTML) 36 Page - Texas Instruments

Back Button TPS3435CGLEFDDFR Datasheet HTML 31Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 32Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 33Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 34Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 35Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 36Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 37Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 38Page - Texas Instruments TPS3435CGLEFDDFR Datasheet HTML 39Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.05
0.00
5X
0.6
0.4
(0.2) TYP
0.8 MAX
6X
0.3
0.2
0.7
0.5
2X 1
4X 0.5
B
1.55
1.45
A
1.55
1.45
WSON - 0.8 mm max height
DSE0006A
PLASTIC SMALL OUTLINE - NO LEAD
4220552/B 01/2024
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
3
4
6
0.1
C A B
0.05
C
PIN 1 ID
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
SCALE 6.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com