| 전자부품 데이터시트 검색엔진 |
|
IS25WE02GG-RHLA2:P-TR 데이터시트(PDF) 8 Page - Integrated Silicon Solution, Inc |
|
|
|||||||||||||||||||||||||||||
IS25WE02GG-RHLA2:P-TR 데이터시트(HTML) 8 Page - Integrated Silicon Solution, Inc |
|
8 / 187 page ![]() IS25LE02GG IS25WE02GG Integrated Silicon Solution, Inc.- www.issi.com 8 Rev. A1 10/02/2025 1. PIN CONFIGURATION NC NC NC SCK GND VCC NC CE# NC WP#(IO2) NC SO(IO1) SI(IO0) HOLD# or RESET# (IO3) NC NC NC NC NC NC NC/WP# NC Top View, Balls Facing Down NC A2 A3 A4 B1 B2 B3 B4 C1 C2 C3 C4 D1 D2 D3 D4 E1 E2 E3 E4 A5 B5 C5 D5 E5 (1) RESET#/NC (2) (2) (2) 24-ball TFBGA 6x8mm (5x5 ball array) (Package: H) Note: 1. The pin can be configured as Hold# or Reset# by setting P7 bit of the Read Register. Pin default is Hold# (IO3). 2. C4= IO2, and C5 = dedicated WP#, and A4 = RESET# in option W. |