| 전자부품 데이터시트 검색엔진 |
|
MCIMX8QXP-CPU 데이터시트(PDF) 1 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
MCIMX8QXP-CPU 데이터시트(HTML) 1 Page - NXP Semiconductors |
|
1 / 2 page ![]() The NXP i.MX 8QuadXPlus Multisensory Enablement Kit (MEK) provides a comprehensive platform for quick evaluation and development of the Arm® Cortex® A35 + Cortex-M4F based i.MX 8QuadXPlus, i.MX 8DualXPlus and i.MX 8DualX applications processors as well as the NXP PF8100 power management integrated circuit (PMIC) solution and sensors. The MEK offers a high-level integration to support graphics, video, image processing, audio, and voice functions. It is complete with highly optimized drivers and software, the i.MX 8X enables broad-based applications for the embedded industrial and automotive markets. The kit includes an LVDS to HDMI adapter for simple out-of- the-box bring up. It has LPDDR4, eMMC, and QSPI memory options, 10/100/1000 Ethernet port, USB 3.0 connectors and PCIe high-speed interfaces ideal for connected, high performance embedded applications. For audio, video, and HMI evaluations, it brings out LVDS and MIPI-DSI connectors, and a headphone 3.5 mm audio jack. The i.MX 8QuadXPlus MEK consists of a CPU board and an optional Base board MCIMX8-8X-BB (ordered separately). The LVDS to HDMI adapter board is included with the MCIMX8QXP-CPU. Extended Audio features are supported by an Audio card (IMX-AUD-IO) which is included with the Base Board. TARGET APPLICATIONS Automotive—instrument cluster, infotainment, display audio, rear seat entertainment, smart antenna, Vehicle-to-Vehicle (V2X), gateway and camera systems Industrial vehicle—avionics cockpit display, in-flight entertainment, train and heavy equipment HMI Advanced industrial human machine interface (HMI) and control—PLC, I/O controller, home/building control Robotics—drone, mobile service robot Building Control—fire and security panel, elevator control, HVAC control Healthcare—patient monitor Networking—specialty gateway, low-end video conference terminal Mobile payment—payment systems General-purpose HMI solutions The i.MX 8QuadXPlus Multisensory Enablement Kit (MEK) is ideal for safety-certifiable and efficient performance requirements. Multisensory Enablement Kit Based on i.MX 8QuadXPlus Applications Processors |
유사한 부품 번호 - MCIMX8QXP-CPU |
|
유사한 설명 - MCIMX8QXP-CPU |