전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MMSZ4683 데이터시트(PDF) 3 Page - DAESAN ELECTRONIC CORP.

부품명 MMSZ4683
상세설명  ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DAESAN [DAESAN ELECTRONIC CORP.]
홈페이지  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

MMSZ4683 데이터시트(HTML) 3 Page - DAESAN ELECTRONIC CORP.

  MMSZ4683 Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. MMSZ4683 Datasheet HTML 2Page - DAESAN ELECTRONIC CORP. MMSZ4683 Datasheet HTML 3Page - DAESAN ELECTRONIC CORP. MMSZ4683 Datasheet HTML 4Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
VZ, NOMINAL ZENER VOLTAGE (V)
FIG.5-EFFECT OF ZENER VOLTAGE
ON ZENER IMPEDANCE
1000
100
10
1
RATINGS AND CHARACTERISTIC CURVES MMSZ4678 THRU MMSZ4717
1
100
10
FIG.3-STEADY STATE POWER DERATING
T, TEMPERATURE ( )
100
0
150
50
1.2
1.0
0.8
0.6
0.4
0.2
0
25
75
125
PW, PULSE WIDTH (ms)
FIG.4-MAXIMUM NON-REPETITIVE
SURGE POWER
0.1
1
1000
100
10
1000
100
10
1
FIG.1-TEMPERATURE COEFFICIENTS
VZ, NOMINAL ZENER VOLTAGE (V)
8
2
12
4
8
7
6
5
4
3
2
1
0
-1
-2
-3
6
10
VZ, NOMINAL ZENER VOLTAGE (V)
FIG.2-TEMPERATURE COEFFICIENTS
10
100
100
10
1
VF, FORWARD VOLTAGE (V)
FIG.6-TYPICAL FORWARD VOLTAGE
1000
100
10
1
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.2
1.1
https://dec.co.kr
DAESAN ELECTRONIC CORP.
TIPICAL TC VALUES
VZ @ IZT
TIPICAL TC VALUES
VZ @ IZT
PD versus TL
PD versus TA
RECTANGULAR
WAVEFORM, TA=25
75V
91V
25
150
75
0
IZ=1mA
IZ=5mA
IZ=20mA
TJ=25
IZ(AC)=0.1IZ(DC)
f=1KHz



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com