| 전자부품 데이터시트 검색엔진 |
|
PN8016SSC-R1B 데이터시트(PDF) 4 Page - Wuxi Chipown Micro-electronics limited |
|
|
|||||||||||||||||||||||||||||
PN8016SSC-R1B 데이터시트(HTML) 4 Page - Wuxi Chipown Micro-electronics limited |
|
4 / 11 page ![]() PN8016 Chipown www.chipown.com © 2018 Wuxi Chipown Microelectronics Limited Rev.1809 Sept.-2018 4 / 11 PARAMETER SYMBOL CONDITIONS MIN. TYP. MAX. UNIT OLP Reference Voltage VREF_OLP 1.55 1.7 1.85 V OLP delay Time TOLP 150 ms Thermal Shutdown Section OTP threshold TSD 135 150 °C OTP Protect Hysteresis THYST 30 °C |