전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KPTC0F8 데이터시트(PDF) 11 Page - ITT Industries

부품명 KPTC0F8
상세설명  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0F8 데이터시트(HTML) 11 Page - ITT Industries

Back Button KPTC0F8 Datasheet HTML 7Page - ITT Industries KPTC0F8 Datasheet HTML 8Page - ITT Industries KPTC0F8 Datasheet HTML 9Page - ITT Industries KPTC0F8 Datasheet HTML 10Page - ITT Industries KPTC0F8 Datasheet HTML 11Page - ITT Industries KPTC0F8 Datasheet HTML 12Page - ITT Industries KPTC0F8 Datasheet HTML 13Page - ITT Industries KPTC0F8 Datasheet HTML 14Page - ITT Industries KPTC0F8 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
KPTC
Type F
Type E
Wall mounting receptacle KPTC0
with endbell
Dimensions are mm
Type F
Type E
Shell size*
B
F
CD
F
G
F
H
F
L
F
B
E
L
E
max.
Thread
min.
min.
max.
max.
max.
max.
8
14,0
6-32
6,0
2,9
19,3
45,1
14,2
34,0
10
17,2
6-32
,5
4,5
20,8
45,1
17,2
34,0
12
20,4
6-32
10,7
7,7
24,4
45,1
20,4
34,0
14
23,6
6-32
13,9
9,3
27,2
45,1
23,4
34,0
16
26,7
6-32
15,5
12,4
28,7
48,2
26,6
34,0
18
29,5
8-32
19,6
15,6
35,3
48,2
29,6
34,0
20
32,7
8-32
19,6
15,6
35,3
50,0
32,8
36,0
22
35,9
8-32
23,6
18,8
39,9
50,0
36,0
36,0
24
39,0
8-32
25,2
20,1
43,2
50,0
39,2
36,0
*) How to order see page 4
Dimensions are inches
Type F
Type E
Shell size*
B
F
C Thread
D
F
G
F
H
F
L
F
B
E
L
e
max
min
min
max
max
max
max
8
.551
6-32
.236
.114
.760
1.776
.559
1.339
10
.677
6-32
.295
.177
.819
1.776
.677
1.339
12
.803
6-32
.421
.303
.961
1.776
.803
1.339
14
.929
6-32
.547
.366
1.071
1.776
.921
1.339
16
1.051
6-32
.610
.488
1.130
1.898
1.047
1.339
18
1.161
8-32
.772
.614
1.390
1.898
1.165
1.339
20
1.287
8-32
.772
.614
1.390
1.969
1.291
1.417
22
1.413
8-32
.929
.740
1.571
1.969
1.417
1.417
24
1.535
8-32
.992
.791
1.701
1.969
1.543
1.417
*) How to order see page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21