전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KPTC0F24 데이터시트(PDF) 13 Page - ITT Industries

부품명 KPTC0F24
상세설명  General Purpose Connectors with Crimp Contacts
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

KPTC0F24 데이터시트(HTML) 13 Page - ITT Industries

Back Button KPTC0F24 Datasheet HTML 9Page - ITT Industries KPTC0F24 Datasheet HTML 10Page - ITT Industries KPTC0F24 Datasheet HTML 11Page - ITT Industries KPTC0F24 Datasheet HTML 12Page - ITT Industries KPTC0F24 Datasheet HTML 13Page - ITT Industries KPTC0F24 Datasheet HTML 14Page - ITT Industries KPTC0F24 Datasheet HTML 15Page - ITT Industries KPTC0F24 Datasheet HTML 16Page - ITT Industries KPTC0F24 Datasheet HTML 17Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
KPTC
Type F
Type E
with endbell
Dimensions are mm
Type F
Type E
Shell size*
B
F ØC
G
F ØGF
H
F
L
F
B
E
L
E
max.
Thread
min.
min.
max.
max.
max.
max.
8
14,0
6-32
6,0
2,9
19,3
46,0
14,2
32,5
10
17,2
6-32
7,5
4,5
20,8
46,0
17,2
32,5
12
20,4
6-32
10,7
7,7
24,4
46,0
20,4
32,5
14
23,6
6-32
13,9
9,3
27,2
46,0
23,4
32,5
16
26,7
6-32
15,5
12,4
28,7
49,0
26,5
32,5
18
29,5
8-32
19,6
15,6
35,3
49,0
29,6
32,5
20
32,7
8-32
19,6
15,6
35,3
49,0
32,8
34,5
22
35,9
8-32
23,6
18,8
39,9
49,0
36,0
34,5
24
39,0
8-32
25,2
20,1
43,2
49,0
39,2
34,5
*) How to order see page 4
Straight Plug KPTC6
Dimensions are inches
Type F
Type E
Shell size
B
F
C Thread
D
F
G
F ÆHF
L
F
B
E
LE
E
max
min
min
max
max
max
max
8
.551
6-32
.236
.114
.760
1.811
.559
1.280
10
.677
6-32
.295
.177
.819
1.811
.677
1.280
12
.803
6-32
.421
.303
.961
1.881
.803
1.280
14
.929
6-32
.547
.366
1.071
1.881
.921
1.280
16
1.051
6-32
.610
.488
1.130
1.929
1.043
1.280
18
1.161
8-32
.772
.614
1.390
.1.929
1.165
1.280
20
1.287
8-32
.772
.614
1.390
1.969
1.291
1.358
22
1.413
8-32
.929
.740
1.571
1.969
1.417
1.358
24
1.535
8-32
.992
.791
1.701
1.969
1.543
1.358
*) How to order see page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21