전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OPA397DBVT 데이터시트(PDF) 8 Page - Texas Instruments

부품명 OPA397DBVT
상세설명  OPAx397 Precision, Low-Offset-Voltage, Low-Noise, Low-Input-Bias-Current, Rail-to-Rail I/O, e-trim™ Operational Amplifiers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

OPA397DBVT 데이터시트(HTML) 8 Page - Texas Instruments

Back Button OPA397DBVT Datasheet HTML 4Page - Texas Instruments OPA397DBVT Datasheet HTML 5Page - Texas Instruments OPA397DBVT Datasheet HTML 6Page - Texas Instruments OPA397DBVT Datasheet HTML 7Page - Texas Instruments OPA397DBVT Datasheet HTML 8Page - Texas Instruments OPA397DBVT Datasheet HTML 9Page - Texas Instruments OPA397DBVT Datasheet HTML 10Page - Texas Instruments OPA397DBVT Datasheet HTML 11Page - Texas Instruments OPA397DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
5.7 Electrical Characteristics (continued)
at TA = 25°C, VS = 1.7V to 5.5V (single-supply) or VS = ±0.85V to ±2.75V (dual-supply), RL = 10kΩ connected to VS / 2, VCM
= VS / 2, and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 5.5V
(V–) + 50mV < VOUT <
(V+) – 50mV
115
132
dB
(V–) + 100mV < VO <
(V+) – 100mV, RL = 2kΩ
110
128
(V–) + 100mV < VOUT <
(V+) – 100mV, RL = 2kΩ,
TA = –40°C to +125°C(1)
100
VS = 1.7V
(V–) + 50mV < VOUT <
(V+) – 50mV,
VCM = (V+) – 1.15V
106
124
(V–) + 100mV < VOUT <
(V+) – 100mV, RL = 2kΩ,
VCM = (V+) – 1.15V
106
124
(V–) + 100mV < VOUT <
(V+) – 100mV, RL = 2kΩ,
VCM = (V+) – 1.15V,
TA = –40°C to +125°C(1)
100
FREQUENCY RESPONSE
GBW
Gain-bandwidth product
AV = 1000V/V
13
MHz
SR
Slew rate
4V step, gain = +1
falling
4.5
V/μs
rising
3.5
Phase margin
CL = 100pF
OPA397
45
°
OPA2397, OPA4397
35
tS
Settling time
To 0.1%, 2V step, gain = +1
0.75
μs
To 0.01%, 2V step, gain = +1
1
Overload recovery time
VIN × gain > VS
0.45
μs
THD+N
Total harmonic distortion +
noise
VOUT = 1VRMS, gain = +1, f = 1kHz,
VCM = (V–) + 1.5V
–112
dB
0.00025
%
OUTPUT
Voltage output swing from
both rails
VS = 1.7V
20
mV
RL = 2kΩ
30
VS = 5.5V
20
RL = 2kΩ
35
ISC
Short-circuit current
Sinking, VS = 5.5V
–55
mA
Sourcing, VS = 5.5V
65
RO
Open-loop output
impedance
f = 1MHz
120
Ω
POWER SUPPLY
IQ
Quiescent current per
amplifier
IO = 0mA
1.22
1.4
mA
TA = –40°C to +125°C(1)
1.5
(1)
Specification established from device population bench system measurements across multiple lots.
OPA397, OPA2397, OPA4397
SBOSA02A – AUGUST 2021 – REVISED APRIL 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: OPA397 OPA2397 OPA4397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com