| 전자부품 데이터시트 검색엔진 |
|
REF5030IDGK 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5030IDGK 데이터시트(HTML) 4 Page - Texas Instruments |
|
4 / 52 page ![]() 5 Pin Configuration and Functions V OUT DNC V IN TEMP GND DNC 1 2 3 6 5 4 TRIM/NR NC 7 8 Not to scale Figure 5-1. REF50xxAI, REF50xxI 8-Pin SOIC, VSSOP Top View V OUT DNC V IN TEMP GND EN 1 2 3 6 5 4 NR NC 7 8 Not to scale Figure 5-2. REF50xxEI 8-Pin SOIC Top View Table 5-1. Pin Functions PIN DESCRIPTION NAME REF50xxI, REF50xxAI REF50xxEI DNC 1, 8 8 Do not connect EN - 1 Device enable control. Low level input disables the reference output and device enters shutdown mode. Device can be enabled by driving voltage > 1.6V or leaving the EN pin floating. GND 4 4 Ground NC 7 No internal connection NC 7 Leave floating or connect to GND NR - 5 Noise reduction pin TEMP 3 3 Temperature monitoring pin. Provides a temperature-dependent output voltage TRIM/NR 5 - Output adjustment or noise reduction pin VIN 2 2 Input supply voltage VOUT 6 6 Reference voltage output REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 www.ti.com 4 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: REF50 REF50E |