| 전자부품 데이터시트 검색엔진 |
|
REF5010IDGK 데이터시트(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
REF5010IDGK 데이터시트(HTML) 20 Page - Texas Instruments |
|
20 / 52 page ![]() 7 Parameter Measurement Information 7.1 Solder Heat Shift The materials used in manufacturing the REF50xx have differing coefficients of thermal expansion, resulting in stress on the device die when the part is heated. Mechanical and thermal stress on the device can cause the output voltages to shift, degrading the initial accuracy and drift specifications of the product. Reflow soldering is a common cause of this error. To illustrate this effect, 36 devices are soldered on printed-circuit-boards using lead-free solder paste and the paste manufacturer suggested reflow profile. Figure 7-1 shows the reflow profile. The printed-circuit-board is comprised of FR4 material. The board thickness is 0.8mm and the area is 13mm × 13mm. The reference voltage is measured before and after the reflow process across temperature; the typical shift of accuracy and drift is displayed in Figure 7-2 for REF50xxEI and Figure 7-3 through Figure 7-10 for REF50xx. Although all tested units exhibit very low shifts, higher shifts are also possible depending on the size, thickness, and material of the printed-circuit-board. An important note is that the histograms display the typical shift for exposure to a single reflow profile. Exposure to multiple reflows, as is common on printed circuit boards (PCBs) with surface-mount components on both sides, causes additional shifts in the output bias voltage. If the PCB is exposed to multiple reflows, then solder the device in the last pass to minimize device exposure to thermal stress. 0 50 100 150 200 250 300 0 50 100 150 200 250 300 350 400 Time (seconds) C01 Figure 7-1. Reflow Profile Figure 7-2. Solder Heat Shift Distribution (%), REF50xxEI REF50, REF50E SBOS410O – JUNE 2007 – REVISED OCTOBER 2025 www.ti.com 20 Submit Document Feedback Copyright © 2025 Texas Instruments Incorporated Product Folder Links: REF50 REF50E |
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |