전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF4033BEY 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 HCF4033BEY
상세설명  7-SEGMENT DISPLAY OUTPUTS DECADE COUNTERS/DIVIDERS WITH DECODED
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4033BEY 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button HCF4033BEY Datasheet HTML 7Page - STMicroelectronics HCF4033BEY Datasheet HTML 8Page - STMicroelectronics HCF4033BEY Datasheet HTML 9Page - STMicroelectronics HCF4033BEY Datasheet HTML 10Page - STMicroelectronics HCF4033BEY Datasheet HTML 11Page - STMicroelectronics HCF4033BEY Datasheet HTML 12Page - STMicroelectronics HCF4033BEY Datasheet HTML 13Page - STMicroelectronics HCF4033BEY Datasheet HTML 14Page - STMicroelectronics HCF4033BEY Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
PLCC20 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
9.78
10.03
0.385
0.395
B
8.89
9.04
0.350
0.356
D
4.2
4.57
0.165
0.180
d1
2.54
0.100
d2
0.56
0.022
E
7.37
8.38
0.290
0.330
e
1.27
0.050
e3
5.08
0.200
F
0.38
0.015
G
0.101
0.004
M
1.27
0.050
M1
1.14
0.045
P027A
HCC/HCF4026B/4033B
14/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15