전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1523708 데이터시트(PDF) 5 Page - PHOENIX CONTACT

부품명 1523708
상세설명  NBC-R4OC/15,0-BC6A/R4OC-GR - Patch cable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1523708 데이터시트(HTML) 5 Page - PHOENIX CONTACT

  1523708 Datasheet HTML 1Page - PHOENIX CONTACT 1523708 Datasheet HTML 2Page - PHOENIX CONTACT 1523708 Datasheet HTML 3Page - PHOENIX CONTACT 1523708 Datasheet HTML 4Page - PHOENIX CONTACT 1523708 Datasheet HTML 5Page - PHOENIX CONTACT 1523708 Datasheet HTML 6Page - PHOENIX CONTACT 1523708 Datasheet HTML 7Page - PHOENIX CONTACT 1523708 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
19 dB (at 100 MHz)
16.4 dB (at 200 MHz)
15.6 dB (at 300 MHz)
15.6 dB (at 400 MHz)
15.6 dB (at 500 MHz)
3.1 dB (with 1 MHz)
5.7 dB (at 4 МHz)
8.9 dB (at 10 MHz)
11.2 dB (at 16 MHz)
12.6 dB (at 20 МHz)
15.8 dB (at 31.25 МHz)
22.5 dB (at 62.5 МHz)
28.7 dB (at 100 MHz)
41.4 dB (at 200 MHz)
51.4 dB (at 300 MHz)
60.1 dB (at 400 MHz)
Shield attenuation
67.9 dB (at 500 MHz)
Halogen-free
complying with IEC 60754-1/2
Flame resistance
IEC 60332-1-2/IEC 60332-3-24/CM
-20 °C ... 80 °C (cable, fixed installation)
Ambient temperature (operation)
-20 °C ... 80 °C (Cable, flexible installation)
Ambient temperature (installation)
0 °C ... 60 °C
Environmental and real-life conditions
Ambient conditions
Ambient temperature (operation)
-20 °C ... 80 °C
Ambient temperature (storage/transport)
0 °C ... 40 °C
Standards and regulations
Flame resistance
IEC 60332-1-2
NBC-R4OC/15,0-BC6A/R4OC-GR - Patch cable
1523708
https://www.phoenixcontact.com/us/products/1523708
Nov 25, 2025, 12:15AM
Page 5 (8)



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com