전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H533CET6 데이터시트(PDF) 90 Page - STMicroelectronics

부품명 STM32H533CET6
상세설명  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CET6 데이터시트(HTML) 90 Page - STMicroelectronics

Back Button STM32H533CET6 Datasheet HTML 86Page - STMicroelectronics STM32H533CET6 Datasheet HTML 87Page - STMicroelectronics STM32H533CET6 Datasheet HTML 88Page - STMicroelectronics STM32H533CET6 Datasheet HTML 89Page - STMicroelectronics STM32H533CET6 Datasheet HTML 90Page - STMicroelectronics STM32H533CET6 Datasheet HTML 91Page - STMicroelectronics STM32H533CET6 Datasheet HTML 92Page - STMicroelectronics STM32H533CET6 Datasheet HTML 93Page - STMicroelectronics STM32H533CET6 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 231 page
background image
PB0
UART4_CTS
-
-
-
-
-
-
EVENTOUT
PB1
-
-
-
-
-
-
-
EVENTOUT
PB2
-
OCTOSPI1_CLK
OCTOSPI1_DQS
-
SDMMC1_CMD
-
-
EVENTOUT
PB3
LPUART1_TX
FDCAN2_TX
CRS_SYNC
-
-
-
UART5_TX
EVENTOUT
PB4
-
I2C3_SDA
I3C2_SDA
-
-
DCMI_D7/PSSI_D7
-
EVENTOUT
PB5
-
FDCAN2_RX
I3C2_SCL
-
-
DCMI_D10/PSSI_D10
UART5_RX
EVENTOUT
PB6
LPUART1_TX
FDCAN2_TX
OCTOSPI1_NCS
-
-
DCMI_D5/PSSI_D5
UART5_TX
EVENTOUT
PB7
LPUART1_RX
FDCAN1_TX
-
-
FMC_NL
DCMI_VSYNC/PSSI_R
DY
-EVENTOUT
PB8
UART4_RX
FDCAN1_RX
-
-
SDMMC1_D4
DCMI_D6/PSSI_D6
-
EVENTOUT
PB9
UART4_TX
FDCAN1_TX
-
-
SDMMC1_D5
DCMI_D7/PSSI_D7
-
EVENTOUT
PB10
-
OCTOSPI1_NCS
-
-
-
-
-
EVENTOUT
PB12
-
FDCAN2_RX
-
-
-
-
UART5_RX
EVENTOUT
PB13
LPUART1_RX
FDCAN2_TX
-
-
SDMMC1_D0
-
UART5_TX
EVENTOUT
PB14
UART4_RTS
-
-
-
-
-
-
EVENTOUT
PB15
UART4_CTS
-
OCTOSPI1_CLK
-
-
DCMI_D2/PSSI_D2
UART5_RX
EVENTOUT
Table 16. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
LPUART1/S
DMMC1/UA
RT4/5
FDCAN1/2/FMC[NAND16)/
FMC[NORmux)/FMC[NOR_RAM)/
I2C3/I3C2/OCTOSPI
CRS/FMC[NAND1
6)/I3C2/OCTOSPI/
SDMMC1/USB_
FMC[NAND16)/
OCTOSPI/SDM
MC1/USB_PD
FMC[NAND16)/FMC
[NORmux)/FMC[NO
R_RAM)/SDMMC1
DCMI/FMC[NAND16
)/FMC[NORmux)/FM
C[NOR_RAM)
TIM2/UART
5/USART6
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More