전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32H533CEK7 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STM32H533CEK7
상세설명  Arm® Cortex®-M33 32-bit MCUTrustZone® FPU, 375 DMIPS 250 MHz, 512-Kbyte flash, 272-Kbyte RAM, cryptography
PDF  231 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H533CEK7 데이터시트(HTML) 5 Page - STMicroelectronics

  STM32H533CEK7 Datasheet HTML 1Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 2Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 3Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 4Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 5Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 6Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 7Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 8Page - STMicroelectronics STM32H533CEK7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 231 page
background image
DS14539 Rev 1
5/231
STM32H533xx
Contents
3.33.5
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.33.6
Window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.33.7
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.34
Real-time clock (RTC), tamper and backup registers . . . . . . . . . . . . . . . 48
3.34.1
Real-time clock (RTC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
3.34.2
Tamper and backup registers (TAMP) . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.35
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.36
Improved inter-integrated circuit (I3C) . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.37
Universal synchronous/asynchronous receiver transmitter
(USART/UART) and low-power universal asynchronous
receiver transmitter (LPUART) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
3.37.1
Universal synchronous/asynchronous receiver transmitter
(USART/UART) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
3.37.2
Low-power universal asynchronous receiver transmitter (LPUART) . . . 54
3.38
Serial peripheral interface (SPI) / inter-integrated sound interfaces (I2S) 56
3.39
Secure digital input/output and MultiMediaCards interface (SDMMC) . . . 57
3.40
Controller area network (FDCAN) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
3.41
USB full speed (USB) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
3.42
USB Type-C / USB Power Delivery controller (UCPD) . . . . . . . . . . . . . . 59
3.43
High-definition multimedia interface (HDMI) - consumer
electronics control (CEC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
3.44
Development support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
3.44.1
Serial-wire/JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . 60
3.44.2
Embedded Trace Macrocell . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
4
Pinout, pin description and alternate function . . . . . . . . . . . . . . . . . . . 61
4.1
Pinout/ballout schematics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
4.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 66
4.3
Alternate functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 82
5
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
5.1
Parameter conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
5.1.1
Minimum and maximum values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
5.1.2
Typical values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
5.1.3
Typical curves . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96
5.1.4
Loading capacitor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More