전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24128-B2CS6TPA 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 M24128-B2CS6TPA
상세설명  128 Kbit, 64 Kbit and 32 Kbit serial I²C bus EEPROM
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-B2CS6TPA 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button M24128-B2CS6TPA Datasheet HTML 6Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 7Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 8Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 9Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 10Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 11Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 12Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 13Page - STMicroelectronics M24128-B2CS6TPA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
Signal description
M24128, M24C64, M24C32
10/39
Figure 5.
Maximum RP value versus bus parasitic capacitance (C) for an I
2C bus
Figure 6.
I2C bus protocol
1
10
100
10
100
1000
Bus line capacitor (pF)
fC = 400 kHz, tLOW = 1.3 µs
Rbus x Cbus time
constant must be less than
500 ns
I²C bus
master
M24xxx
Rbus
VCC
Cbus
SCL
SDA
ai14796
SCL
SDA
SCL
SDA
SDA
Start
Condition
SDA
Input
SDA
Change
AI00792B
Stop
Condition
1
23
7
89
MSB
ACK
Start
Condition
SCL
1
23
7
89
MSB
ACK
Stop
Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39