| 전자부품 데이터시트 검색엔진 |
|
DB1501 데이터시트(PDF) 2 Page - DIOTEC Electronics Corporation |
|
|
|||||||||||||||||||||||||||||
DB1501 데이터시트(HTML) 2 Page - DIOTEC Electronics Corporation |
|
2 / 2 page ![]() RATING & CHARACTERISTIC CURVES FOR SERIES DB1500 - DB1510 and SERIES ADB1504 - ADB1508 Data Sheet No. BRDB-1500-2C 15 AMP SILICON BRIDGE RECTIFIERS E36 Tel.: (310) 767-1052 Fax: (310) 767-7958 DIOTEC ELECTRONICS CORP. Gardena, CA 90248 U.S.A 18020 Hobart Blvd., Unit B Number of Cycles at 60 Hz FIGURE 2. MAXIMUM NON-REPETITIVE SURGE CURRENT 9 3 0 6 12 15 18 0 50 100 150 FIGURE 1. FORWARD CURRENT DERATING CURVE Case Temperature, C Resistive or Inductive Loads Bridge Mounted on 5 x 4 x 3" Thick (12.7 x 10.2 x 7.6cm) Finned Al. Plate 60Hz T = 125 C ABDB-1500-2C FIGURE 4. TYPICAL REVERSE CHARACTERISTICS Percent of Rated Peak Reverse Voltage .01 0.1 1.0 10 T = 125 C T = 25 C FIGURE 3. TYPICAL FORWARD CHARACTERISTIC PER DIODE Instantaneous Forward Voltage (Volts) 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1.0 10 T = 25 C Pulse Width = 300 Sec 1%Duty Cycle m 75 125 |