전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPS799 데이터시트(PDF) 31 Page - Texas Instruments

부품명 TPS799
상세설명  TPS799 200-mA, Low-Quiescent Current, Ultralow Noise, High-PSRR Low-Dropout Linear Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TPS799 데이터시트(HTML) 31 Page - Texas Instruments

Back Button TPS799 Datasheet HTML 27Page - Texas Instruments TPS799 Datasheet HTML 28Page - Texas Instruments TPS799 Datasheet HTML 29Page - Texas Instruments TPS799 Datasheet HTML 30Page - Texas Instruments TPS799 Datasheet HTML 31Page - Texas Instruments TPS799 Datasheet HTML 32Page - Texas Instruments TPS799 Datasheet HTML 33Page - Texas Instruments TPS799 Datasheet HTML 34Page - Texas Instruments TPS799 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TPS79925DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79925YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79925YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79926YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79926YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79927DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79927DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79927DRVT
WSON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS79927YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799285DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799285DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799285DRVR
WSON
DRV
6
3000
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS799285DRVT
WSON
DRV
6
250
179.0
8.4
2.2
2.2
1.2
4.0
8.0
Q2
TPS79928DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79928DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79928YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79928YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79930DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79930DDCR
SOT-23-
THIN
DDC
5
3000
180.0
8.4
3.1
3.05
1.1
4.0
8.0
Q3
TPS79930DDCR1G4
SOT-23-
THIN
DDC
5
3000
180.0
8.4
3.1
3.05
1.1
4.0
8.0
Q3
TPS79930DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS79930YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79930YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799315DDCR
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799315DDCRG4
SOT-23-
THIN
DDC
5
3000
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799315DDCT
SOT-23-
THIN
DDC
5
250
179.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
TPS799315YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS799315YZUT
DSBGA
YZU
5
250
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79932YZUR
DSBGA
YZU
5
3000
180.0
8.4
1.07
1.42
0.74
4.0
8.0
Q1
TPS79933DDCR
SOT-23-
THIN
DDC
5
3000
180.0
8.4
3.1
3.05
1.1
4.0
8.0
Q3
Pack Materials-Page 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49