전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD70211 데이터시트(PDF) 15 Page - Microsemi Corporation

부품명 PD70211
상세설명  PD Controller with Switching Regulator for AF/AT/UPOE/HDBaseT/4-pair PoE Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PD70211 데이터시트(HTML) 15 Page - Microsemi Corporation

Back Button PD70211 Datasheet HTML 11Page - Microsemi Corporation PD70211 Datasheet HTML 12Page - Microsemi Corporation PD70211 Datasheet HTML 13Page - Microsemi Corporation PD70211 Datasheet HTML 14Page - Microsemi Corporation PD70211 Datasheet HTML 15Page - Microsemi Corporation PD70211 Datasheet HTML 16Page - Microsemi Corporation PD70211 Datasheet HTML 17Page - Microsemi Corporation PD70211 Datasheet HTML 18Page - Microsemi Corporation PD70211 Datasheet HTML 19Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
Copyright © 2016
Microsemi
Page 15
Rev. 1.4, July 2017
CPG
– PoE BU
One Enterprise Aliso Viejo, CA 92656 USA
PD70211
PD Controller with Switching Regulator for
AF/AT/UPOE/HDBaseT/4-pair PoE Applications
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IVCC_Q
IC input current
(switching, no load on
SG, PG, VDD)
VENABLE = High, and
VVCC > VCC_UVLO_UP, fsw =
500kHz
3
mA
Input UVLO/PFW
VINS_TH
Threshold on VINS pin
Rising or falling
1.171
1.200
1.229
V
VHYST_HIGH
Hysteresis pin high
voltage
IHYST_SOURCING = 1mA
2.8
V
VHYST_LOW
Hysteresis pin low
voltage
IHYST_SINKING = 3mA
0.4
V
LDOs
VL
IVDD_EXT < 5mA (current out
of pin)
4.75
5
5.25
V
VH
VH rail (with respect to
VCC)
-5V
V
Soft Start
ISS_CH
Current out of SS pin
during charging phase
RFREQ=33.3k, VSS=0.5V
32
36
40
µA
ISS_DISCH
Current into SS pin
during discharging
phase
RFREQ=33.3k, VSS=0.5V
10
% of
ISS_CH
VSS_CH
Soft start charge
completed threshold
By design only
90
95
% of
VREF
VSS_DISCH
Soft start discharge
completed threshold
50
mV
RSS_DISCH
Soft-start pin discharge
FET resistance
50
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com