전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ATX115SL 데이터시트(PDF) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

부품명 ATX115SL
상세설명  ATX 115SL / SLE SERIES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
홈페이지  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

ATX115SL 데이터시트(HTML) 4 Page - AEROTECH US. ALL RIGHTS RESERVED.

  ATX115SL Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. ATX115SL Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. ATX115SL Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. ATX115SL Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. ATX115SL Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.aerotech.com
LINEAR STAGES | ATX115SL/SLE SERIES
"A"
STAGE LENGTH
36.2
GROUND LOCATION
M4X0.7
6
6.4
-M1, -M3, -M5 = 118.5
-M2, -M4 = 131.1
EXCLUDING CABLES
"B"
75, 76.2
"E"
x
2
CUSTOMER MOUNTING
-050 TRAVEL = 17X
-100 TRAVEL = 21X
-150 TRAVEL = 25X
M6X1.0 HELICOIL
6
CUSTOMER MOUNTING
4X M5X0.8
HELICOIL
5
81
115
"D"
"C"
125 (M5)
100
50
100 75
50
STAGE CABLE EXIT,
380 MIN LENGTH
OPTIONAL DIRECT
ENCODER CABLE EXIT,
380 MIN LENGTH
55
17
50
100, 101.6
1.5 HEX
MANUAL SCREW
ADJUSTMENT
STAGE MOUNTING
M6X1.0
9
-050 TRAVEL = 4X
-100, -150 TRAVEL = 8X
STAGE MOUNTING
SLOTS FOR M6 OR 1/4"
-050 TRAVEL = 4X
-100, -150 TRAVEL = 8X
STANDARD MOTOR CONFIGURATION
34.4
OPTIONAL DIRECT
ENCODER CABLE EXIT,
380 MIN LENGTH
STAGE CABLE EXIT,
380 MIN LENGTH
REMOVE COVER
FOR ACCESS TO
MOUNTING HOLES
"A"
STAGE LENGTH
"B"
40
195
EXCLUDING CABLES
GROUND LOCATION
M4X0.7
5
FOLDBACK MOTOR CONFIGURATION
NOTES:
1. DIMENSIONS: MILLIMETERS.
REVISIONS
ECO
REV.
DESCRIPTION
DATE
APPROVED
ECO0001442 A
CHANGED FOLDBACK WIDTH FROM 177mm TO 195mm.
20-NOV-18
TMITCH
ECO0001445 B
ADDED ADDITIONAL M6 MOUNTING HOLE IN CENTER
14-DEC-18
KBLEZY
ECO1007991 C
1.5 HEX WAS 2.5 HEX
8/30/2024 BMIKLANCIE
BASIC MODEL
NOMINAL
TRAVEL
x
ELEC
LIMIT
TRAVEL
MECH
LIMIT
TRAVEL
A
B
C
D
E
ATX115SL-050
50
53
57
156
75
-
-
-
ATX115SL-100
100
103
107
206
100
150
-
125, 127
ATX115SL-150
150
153
157
256
125
150
200
175, 177.8
KBLEZY
MODEL BY:
MODEL FILENAME:
ATX115SL-CAT
C
ATX115SL
PART CODE:
ATX115SL
ATX115SL-CAT
PART NAME:
DWG. NO.
REV
CATALOG DRAWING
SHEET 1 OF 1
20-OCT-17
DATE
BMIKLANCIE
DRAW
KBLEZY
KBLEZY
NAME
CHECK
APPR.
21-OCT-17
19-OCT-17
PLACE DRAWING VIEWS BELOW
ATX115SL/SLE Series
Dimensions



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com