전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4095B 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 HCC4095B
상세설명  GATE J-K MASTER-SLAVE FLIP-FLOPS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4095B 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button HCC4095B Datasheet HTML 5Page - STMicroelectronics HCC4095B Datasheet HTML 6Page - STMicroelectronics HCC4095B Datasheet HTML 7Page - STMicroelectronics HCC4095B Datasheet HTML 8Page - STMicroelectronics HCC4095B Datasheet HTML 9Page - STMicroelectronics HCC4095B Datasheet HTML 10Page - STMicroelectronics HCC4095B Datasheet HTML 11Page - STMicroelectronics HCC4095B Datasheet HTML 12Page - STMicroelectronics HCC4095B Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Plastic DIP14 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
P001A
HCC/HCF4095B HCC/HCF4096B
9/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13