| 전자부품 데이터시트 검색엔진 |
|
MPS50SL-025 데이터시트(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
MPS50SL-025 데이터시트(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
1 / 7 page ![]() Compact, Precise Linear Motion The MPS50SL combines high-precision motion performance with a small, efficient form factor that is equally well- suited for industrial and laboratory use. It provides easy, straightforward integration, whether into multi-axis production machines or beamline hutches, virtually eliminating the tradeoff between size and performance. Available with a variety of configurable options including a precision-ground ballscrew or leadscrew, a DC or stepper motor, and vacuum preparation, MPS50SL can be configured to satisfy your application requirements. Key Applications MPS50SL stages are ideal for a variety of applications in laboratory, research and production environments, including: Measurement & inspection Precision component alignment Spectroscopy Biomedical research Sample manipulation in vacuum KEY FEATURES: Delivers OUTSTANDING POSITIONING PERFORMANCE with high-reliability operation Provides EXCELLENT TRAJECTORY CHARACTERISTICS with anti-creep crossed-roller bearings Integrates easily in both production & lab environments thanks to ULTRA-COMPACT FORM FACTOR Achieves EFFORTLESS MULTI-AXIS MOTION when combined with other linear, rotary & vertical-lift MPS series stages Available in VACUUM-COMPATIBLE CONFIGURATIONS Miniature Mechanical-Bearing, Screw-Driven Linear Stage MPS50SL |
유사한 부품 번호 - MPS50SL-025 |
|
유사한 설명 - MPS50SL-025 |