| 전자부품 데이터시트 검색엔진 |
|
NRF51822-CFAB-R7 데이터시트(PDF) 56 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF51822-CFAB-R7 데이터시트(HTML) 56 Page - Nordic Semiconductor |
|
56 / 130 page ![]() Page 56 nRF51822 Product Specification v3.3 8.7 Universal Asynchronous Receiver/Transmitter (UART) specifications Table 43 UART specifications Symbol Description Note Min. Typ. Max. Units Test level IUART1M Run current at max baud rate. 230 μA1 IUART115k Run current at 115200 bps. 220 μA 1 IUART1k2 Run current at 1200 bps. 210 μA 1 fUART Baud rate for UART. 1.2 1000 kbps N/A tCTSH CTS high time. 1 μs 1 |