전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF4502 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 HCF4502
상세설명  STROBED HEX INVERTER/BUFFER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4502 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button HCF4502 Datasheet HTML 3Page - STMicroelectronics HCF4502 Datasheet HTML 4Page - STMicroelectronics HCF4502 Datasheet HTML 5Page - STMicroelectronics HCF4502 Datasheet HTML 6Page - STMicroelectronics HCF4502 Datasheet HTML 7Page - STMicroelectronics HCF4502 Datasheet HTML 8Page - STMicroelectronics HCF4502 Datasheet HTML 9Page - STMicroelectronics HCF4502 Datasheet HTML 10Page - STMicroelectronics HCF4502 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Ceramic DIP16/1 MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
20
0.787
B
7
0.276
D
3.3
0.130
E
0.38
0.015
e3
17.78
0.700
F
2.29
2.79
0.090
0.110
G
0.4
0.55
0.016
0.022
H
1.17
1.52
0.046
0.060
L
0.22
0.31
0.009
0.012
M
0.51
1.27
0.020
0.050
N
10.3
0.406
P
7.8
8.05
0.307
0.317
Q
5.08
0.200
P053D
HCC/HCF4502B
8/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11