| 전자부품 데이터시트 검색엔진 |
|
PRO225SL 데이터시트(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
|
|||||||||||||||||||||||||||||
PRO225SL 데이터시트(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED. |
|
1 / 7 page ![]() Precise & Robust Linear Motion for All The PRO225SL provides an optimal balance of positioning performance, payload capacity and size. Compared to the narrower PRO190SL, PRO225SL can carry considerably higher payloads due to its larger bearings and motor. Combining superior craftsmanship with the highest quality components, PRO225SL stages consistently and reliably deliver best-in-class positioning performance. Thoughtfully engineered features and options, coupled with competitive pricing, make PRO225SL stages the ideal choice for streamlined integration into a wide variety of precision systems, machines and processes. Key Applications PRO225SL mechanical bearing, ball-screw stages are extremely versatile, trusted and proven in medium- and high-performance applications, such as: Laser material processing Precision metrology, inspection & microscopy Electronics & circuit board manufacturing & inspection Display processing Synchrotron & light source experiments Medical device manufacturing Semiconductor fabrication Fiber optics & silicon photonics processing Additive manufacturing & precision assembly Mechanical Bearing, Ball-Screw Stage PRO225SL KEY FEATURES: Provides SUBSTANTIAL PAYLOAD- CARRYING capacity BEST-IN-CLASS GEOMETRIC PERFORMANCE ensures superior workpoint accuracy EXCELLENT MOTION & POSITIONING PERFORMANCE in a cost-effective package Rugged, reliable construction is ideal for VERSATILE INDUSTRIAL USE Hardcover & side seals offer PROTECTION AGAINST CONTAMINATION & PARTICULATES VACUUM- & CLEANROOM- COMPATIBLE versions available |
유사한 부품 번호 - PRO225SL |
|
유사한 설명 - PRO225SL |