전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCC4536B 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 HCC4536B
상세설명  PROGRAMMABLE TIMER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4536B 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button HCC4536B Datasheet HTML 3Page - STMicroelectronics HCC4536B Datasheet HTML 4Page - STMicroelectronics HCC4536B Datasheet HTML 5Page - STMicroelectronics HCC4536B Datasheet HTML 6Page - STMicroelectronics HCC4536B Datasheet HTML 7Page - STMicroelectronics HCC4536B Datasheet HTML 8Page - STMicroelectronics HCC4536B Datasheet HTML 9Page - STMicroelectronics HCC4536B Datasheet HTML 10Page - STMicroelectronics HCC4536B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 K
Ω,
typical temperature coefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VDD (V)
Min.
Typ.
Max.
tPLH
tPHL
Propagation Delay Time
Clock to Q1, 8-bypass High
51
2
µs
10
0.5
1
15
0.35
0.7
Clock to Q1, 8-bypass Low
5
2.5
5
µs
10
0.8
1.6
15
0.6
1.2
Clock to Q16
5
4
8
µs
10
1.5
3
15
1
2
Qn to Qn+ 1
5
150
300
ns
10
75
150
15
50
100
tPLH
Propagation Delay Time
5
300
600
ns
10
125
250
15
80
160
tPHL
Reset to Qn
5
3
6
µs
10
1
2
15
0.75
1.5
tTLH
tTHL
Transition Time
5
100
200
ns
10
50
100
15
40
80
tW
Pulse Width
Clock
5
200
400
ns
10
75
150
15
50
100
Set
5
200
400
ns
10
100
200
15
60
120
Reset
5
3
6
µs
10
1
2
15
0.75
1.5
Recovery Time
Set
5
2.5
5
µs
10
1
2
15
0.6
1.6
Reset
5
3.5
7
µs
10
1.5
3
15
1
2
tr,tf
Clock Input Rise or Fall Time
5
Unlimted
µs
10
15
fCL
Maximum Clock Input Frequency
0.5
1
MHz
10
1.5
3
15
2.5
5
HCC/HCF4536B
7/17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17