전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KUSB-488B 데이터시트(PDF) 4 Page - TEKTRONIX, INC

부품명 KUSB-488B
상세설명  2461 SourceMeter ® SMU Instrument
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEITHLEY [TEKTRONIX, INC]
홈페이지  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

KUSB-488B 데이터시트(HTML) 4 Page - TEKTRONIX, INC

  KUSB-488B Datasheet HTML 1Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 2Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 3Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 4Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 5Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 6Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 7Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 8Page - TEKTRONIX, INC KUSB-488B Datasheet HTML 9Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Datasheet
TEK.COM
4
Four “Quickset” modes simplify instrument setup. With
one touch, the instrument can be quickly configured for
various operating modes without the need to configure the
instrument indirectly for this operation.
One-touch Quickset modes speed measurement setups and minimize the
time to measurements.
Comprehensive Built-in Connectivity
Rear panel access to rear-input connectors, remote
control interfaces (GPIB, USB 2.0, and LXI/Ethernet),
D-sub 9-pin digital I/O port (for internal/external trigger
signals and handler control), instrument interlock control,
and TSP-Link® jacks make it simple to configure multiple
instrument test solutions and eliminate the need to invest
in additional adapter accessories..
Convert Raw Data to Information
A full graphical plotting window converts raw data and
displays it immediately as useful information, such as
semiconductor I-V curves and digitized waveforms.
The touchscreen interface makes it easy to observe,
interact with, and explore measurements with “pinch
and zoom” simplicity. By using the built-in graphing
cursors, you can immediately analyze your data without
a PC. All graphic screens can be saved to a USB thumb
drive for incorporation into reports and journals. Using
the graphical SMU’s Sheet view, test data can also
be displayed in tabular form. The instrument supports
exporting data to a spreadsheet for further analysis,
dramatically improving productivity for research, benchtop
testing, device qualification, and debugging. This
combination of high performance and high ease of use
offers unparalleled insight into your test results.
2461 rear panel connections are optimized to maintain signal integrity and speed system setup.
Ethernet
Mass screw terminal connections
Digital I/O TSP-Link
GPIB
Interlock
USB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16