| 전자부품 데이터시트 검색엔진 |
|
D48HZ 데이터시트(PDF) 4 Page - Howard Butler Ltd |
|
|
|||||||||||||||||||||||||||||
D48HZ 데이터시트(HTML) 4 Page - Howard Butler Ltd |
|
4 / 4 page ![]() DIN RANGE PANEL METERS Our policy is one of continuous development and therefore specifications may change without notice. HOWARD BUTLER LTD CROWN WORKS, LINCOLN ROAD WALSALL WS1 2EB ENGLAND Tel: 01922 640003 Fax: 01922 723626 International Tel: +44 1922 640003 E-mail: sales@hobut.co.uk Web: www.hobut.co.uk TECHNICAL SPECIFICATION PANEL CUT-OUTS (All dimensions mm) DIMENSIONS (All dimensions mm) Standards IEC 51, BS 89. Enclosure: DIN 43700. Flame retardant: base material UL94V1, case & terminal cover material UL94V0. Scale marking DIN 43802 Protection IP52: IP54 can be supplied. Overload: CURRENT - 1.2 x rating for 2hrs. - 10 x rating for 5 secs. VOLTAGE - 1.2 x rating for 2hrs. - 2 x rating for 5 secs. Insulation test: 2kV 50Hz for 1min. Temperature: Calibrated at 23°c. Suitable for use at -25°c to +40°c. Available extras: Adjustable red secondary pointer. Terminal cover. Special scale. Polycarbonate window. 6.4mm “Faston” terminal tag (voltmeters & ammeters to 5A). Other DIN products: Our illustrations and technical specifications apply to meters with 90° scale arcs. Instruments with 240° scale arcs are also available. dims +0.6 –0.0 dims +0.7 –0.0 dims +0.8 –0.0 45 68 68 92 92 45 DIN 48 can be slot mounted using the standard fixing clip. DIN 72 & DIN 96 can be supplied with special fixing clips for slot mounting. Slot dimensions available on request. • Digital panel meters. • Current Transformers. • Shunts. • Power transducers. • Protection relays. • Battery charger indicators. • Thermal cut-outs. New HOBUT products include: • Pro-Din panel meters. • 240° panel meters. • kWh meters. • Multi-function meters. • Protective current transformers. Data sheets on the following HOBUT product ranges are available on request: E F D C B A A AB C D E F DIN48 (M4 screw clamps) 48 5 43 44.8 10 – Ammeters up to 5A & Voltmeters DIN48 (M6 stud terminals) 48 5 43 44.8 21 – Ammeters 6A to 40A DIN72 (M4 screw clamps) 72 5.5 38.5 66 10 – Ammeters up to 5A & Voltmeters DIN72 (M6 stud terminals) 72 5.5 38.5 66 19 – Ammeters 6A to 50A DIN72 (M8 stud terminals) 72 5.5 38.5 66 22 – Ammeters 60A to 100A DIN96 (M4 screw clamps) 96 5.5 38.5 90 10 20 Ammeters up to 5A & Voltmeters DIN96 (M6 stud terminals) 96 5.5 38.5 90 19 20 Ammeters 6A to 50A DIN96 (M8 stud terminals) 96 5.5 38.5 90 22 20 Ammeters 60A to 100A DIN96 Watt-meter 96 5.5 123 90 13 – DIN96 Power Factor Indicator 96 5.5 123 90 13 – DIN96 Max. Demand Indicator 96 5.5 58 90 10 20 (M4 screw clamps) DIN96 Combined M.D.I. 96 5.5 58 90 10 20 (M4 screw clamps) Note: If terminal covers are fitted as an optional extra, add 23mm to dimension ‘C’ for DIN72 & DIN96 meters, and 25mm to dimension ‘C’ for DIN48 meters. DIN 96 DIN 72 DIN 48 |