전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TUSB320I 데이터시트(PDF) 14 Page - Texas Instruments

부품명 TUSB320I
상세설명  TUSB320 USB Type-C™ Configuration Channel Logic and Port Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI2 [Texas Instruments]
홈페이지  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB320I 데이터시트(HTML) 14 Page - Texas Instruments

Back Button TUSB320I Datasheet HTML 10Page - Texas Instruments TUSB320I Datasheet HTML 11Page - Texas Instruments TUSB320I Datasheet HTML 12Page - Texas Instruments TUSB320I Datasheet HTML 13Page - Texas Instruments TUSB320I Datasheet HTML 14Page - Texas Instruments TUSB320I Datasheet HTML 15Page - Texas Instruments TUSB320I Datasheet HTML 16Page - Texas Instruments TUSB320I Datasheet HTML 17Page - Texas Instruments TUSB320I Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Table 7-4. USB Type-C States According to TUSB320 Functional Modes (continued)
MODES
GENERAL BEHAVIOR
PORT PIN
STATES(1)
Shutdown
VDD available.
EN_N pin high.
UFP/DRP/DFP
Default device state to UFP/SNK with Rd.
(1)
Required; not in sequential order.
7.4.1 Unattached Mode
Unattached mode is the primary mode of operation for the TUSB320 device, because a USB port can be
unattached for a lengthy period of time. In unattached mode, VDD is available, and all IOs and I2C are
operational. After the TUSB320 device is powered up, the part enters unattached mode until a successful attach
has been determined. Initially, right after power up, the TUSB320 device comes up as an Unattached.SNK. The
TUSB320 device checks the PORT pin and operates according to the mode configuration. The TUSB320 device
toggles between the UFP and the DFP if configured as a DRP. In unattached mode, I2C can be used to change
the mode configuration or port role if the board configuration of the PORT pin is not the desired mode. Writing
to the I2C MODE_SELECT register can override the PORT pin only in unattached mode. The PORT pin is only
sampled at reset or power up. I2C must be used after reset to change the device mode configuration.
7.4.2 Active Mode
Active mode is defined as the port being attached. In active mode, all GPIOs are operational, and I2C is read /
write (R/W). When in active mode, the TUSB320 device communicates to the AP that the USB port is attached.
This happens through the ID pin if TUSB320 is configured as a DFP or DRP connect as source. If TUSB320
is configured as an UFP or a DRP connected as a sink, the OUT1/OUT2 and INT_N/OUT3 pins are used. The
TUSB320 device exits active mode under the following conditions:
• Cable unplug
• VBUS removal if attached as an UFP
• Dead battery; system battery or supply is removed
• EN_N pin floated or pulled high
During active mode, I2C cannot be used to change the mode configuration. This can only be done if TUSB320 is
in an unattached state.
7.4.3 Dead Battery Mode
During dead battery mode, VDD is not available. CC pins always default to pulldown resistors in dead battery
mode. Dead battery mode means:
• TUSB320 in UFP with 5.1-kΩ ± 20% Rd; cable connected and providing charge
• TUSB320 in UFP with 5.1-kΩ ± 20% Rd; nothing connected (application could be off or have a discharged
battery)
Upon exiting dead battery mode (VDD is active), the software must perform the following sequence in order for
Rp to be presented on both CC pins:
1. Write a 0x04 to I2C address 0x45.
2. Wait 30ms.
3. Write a 0x00 to I2C address 0x45.
Between steps 1 and 3, the status flags will be set. The software must ignore these flags when performing the
three steps.
Note
When VDD is off, the TUSB320 non-failsafe pins ( VBUS_DET, ADDR, PORT, ID, OUT[3:1] pins)
could back-drive the TUSB320 device if not handled properly. When necessary to pull these pins up,
it is recommended to pullup PORT, ADDR, INT_N/OUT3, and ID to the device’s VDD supply. The
VBUS_DET must be pulled up to VBUS through a 900-kΩ resistor.
TUSB320, TUSB320I
SLLSEN9F – MAY 2015 – REVISED MARCH 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TUSB320 TUSB320I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com